FTR-K3JB009W
AI

The **FTR-K3JB009W** is a high-performance power relay manufactured by **Fujitsu Components**. It is specifically designed for high-current applications and is commonly found in power supplies, industrial controls, and household appliances.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Power Relay (Electromagnetic) |
| **Contact Form** | 1 Form A (SPST-NO: Single Pole Single Throw, Normally Open) |
| **Coil Voltage** | 9V DC |
| **Contact Rating** | 25A @ 250V AC |
| **Contact Material** | Silver Tin Oxide ($AgSnO_2$) |
| **Mounting Type** | Through Hole (PCB) |
| **Insulation** | Reinforced (10mm distance between coil and contacts) |
| **Dielectric Strength** | 5,000V AC (between coil and contacts) |
---
### 2. Functional Components
To understand the electronic nature of the FTR-K3JB009W, it can be broken down into three main systems:
#### A. The Control Side (Coil)
* **Nominal Voltage:** 9V DC. This is the voltage required to energize the internal electromagnet.
* **Power Consumption:** Typically around 780mW.
* **Safety Feature:** The coil is designed with high insulation to prevent high-voltage surges from the load side from damaging the control circuit (Microcontroller/Logic board).
#### B. The Switching Side (Contacts)
* **High Inrush Current:** These contacts are built to handle massive "inrush" currents (up to 80A for short bursts), making them ideal for motors or capacitive loads.
* **$AgSnO_2$ Material:** The use of Silver Tin Oxide prevents the contacts from "welding" together under high heat or electrical arcing.
#### C. The Housing (Package)
* **Flammability:** Usually rated UL94V-0 (Self-extinguishing).
* **Sealing:** Often comes in a flux-tight or plastic-sealed construction to protect internal parts from oxidation or soldering flux.
---
### 3. Pinout Configuration
While you should always consult the official datasheet, the standard layout for the FTR-K3JB series is as follows:
```text
Top View Diagram (Representative):
+-------------------+
| (Coil) (Coil) |
| [1] [2] |
| |
| |
| [3] [4] |
| (Contact) (Contact)|
+-------------------+
```
---
### 4. Common Applications
* **Solar Inverters:** Switching the AC output.
* **HVAC Systems:** Controlling compressors or heavy fans.
* **Smart Plugs/Home Automation:** Handling high-wattage appliances (up to 25A).
* **Industrial Power Supplies:** Main power switching.
- ⤷
What is the difference between the FTR-K3 series and standard FTR-K1 relays?
- ⤷ How do I calculate the flyback diode needed for a 9V relay coil?
- ⤷ What is the maximum surge voltage this relay can withstand?