FTR-K3JB012W
AI

The **FTR-K3JB012W** is a high-performance power relay manufactured by Fujitsu. It is specifically designed for high-current switching applications, often found in power supplies and industrial equipment.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Series** | FTR-K3 |
| **Contact Arrangement** | 1 Form A (SPST-NO) |
| **Nominal Coil Voltage** | 12V DC |
| **Contact Rating (Resistive)** | 20A @ 250V AC / 30V DC |
| **Maximum Switching Power** | 5,000 VA / 600 W |
| **Coil Power Consumption** | Approx. 780 mW |
| **Dielectric Strength** | 5,000V AC (between coil and contacts) |
| **Mounting Type** | Through Hole (PCB) |
---
### 2. Detailed Electronic Characteristics
#### A. Coil Side (Input)
* **Nominal Voltage:** 12V DC. This is the voltage required to energize the electromagnet and close the contacts.
* **Must-Operate Voltage:** Typically 75% of nominal voltage (approx. 9.0V).
* **Must-Release Voltage:** Typically 10% of nominal voltage (approx. 1.2V).
#### B. Contact Side (Output)
* **High Inrush Capability:** The K3 series is engineered to handle high inrush currents, making it suitable for capacitive or inductive loads.
* **Contact Material:** Usually Silver Tin Oxide (AgSnO2), which provides excellent resistance to "welding" (arcing damage) during high-current switching.
* **Insulation:** It features a high insulation distance (creepage/clearance) to ensure safety between the low-voltage control side and high-voltage power side.
#### C. Physical Construction
* **Sealing:** The "W" suffix often denotes a "Flux Proof" or "Washable" construction, meaning the relay is protected against soldering flux during the manufacturing process.
* **Dimensions:** It features a compact "sugar cube" or slightly larger rectangular footprint designed for high-density PCB mounting.
---
### 3. Common Applications
* **Uninterruptible Power Supplies (UPS):** Used for switching between battery and mains power.
* **Solar Inverters:** Managing the output of AC power from DC sources.
* **White Goods:** High-power appliances like washing machines, air conditioners, and heaters.
* **Industrial Controls:** Switching motors or large solenoids.
- ⤷
What is the pinout configuration for the FTR-K3JB012W?
- ⤷ How does AgSnO2 compare to other contact materials in terms of longevity?
- ⤷ Can this relay be driven directly by a microcontroller GPIO?