FTR-K3JB012W-HC
AI

The **FTR-K3JB012W-HC** is a high-power, PCB-mount electromechanical relay manufactured by **Fujitsu**. It is specifically designed for high-current loads and is commonly found in home appliances and industrial controllers.
---
### 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
|:---|:---|
| **Contact Form** | 1 Form A (SPST-NO) |
| **Coil Voltage** | 12 VDC |
| **Rated Contact Current** | 20A (Steady State) |
| **Max. Switching Voltage** | 250 VAC |
| **Power Consumption** | Approx. 780 mW |
| **Contact Material** | Silver Tin Oxide (AgSnO2) |
| **Dielectric Strength** | 5,000 VAC (between coil and contacts) |
| **Insulation Distance** | 8.5 mm (Clearance/Creepage) |
---
### 2. Key Internal Components
- **The Coil (12V):** When 12V DC is applied, the coil creates a magnetic field. This pulls the armature toward the core.
- **The Armature:** A moving lever that transfers mechanical force from the magnetic field to the electrical contacts.
- **AgSnO2 Contacts:** The "HC" in the part number often signifies **High Current**. Silver Tin Oxide is used because it resists "welding" (sticking together) during high inrush currents, such as when starting a motor.
- **Reinforced Insulation:** The physical design provides high isolation between the low-voltage control side (coil) and the high-voltage load side (contacts).
---
### 3. Pinout and Physical Construction
The device is housed in a "Flux Proof" or "Sealed" plastic casing.
1. **Coil Terminals:** Two pins used to trigger the relay.
2. **Load Terminals:** Two heavy-duty pins for the "Normally Open" circuit.
3. **Mounting:** Through-hole technology (THT) for secure soldering onto a Printed Circuit Board (PCB).
---
### 4. Typical Applications
Because of its 20A rating and high insulation, this part is ideal for:
* **HVAC Systems:** Controlling compressors or heaters.
* **Smart Plugs:** Switching heavy domestic loads.
* **EV Chargers:** Level 1 or basic charging control circuits.
* **Washing Machines:** Managing motor or heating element power.
- ⤷What is the difference between the FTR-K3 and FTR-K1 series?
- ⤷ How do I calculate the flyback diode needed for this 12V coil?
- ⤷ Can this relay be used for DC load switching?