FTS-06-R/BL
AI

The **FTS-06-R/BL** is a specific electronic component typically categorized as a high-performance **Fiber Optic Transmitter** or a specialized **LED/Infrared Emitter** used in data communication and sensing.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The "FTS" series often refers to **Fiber Optic Transmitters** designed for industrial, medical, or military applications where high-speed data transmission via optical fiber is required to avoid Electromagnetic Interference (EMI).
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fiber Optic Transmitter (LED Source) |
| **Wavelength** | Typically 650nm (Red) or 850nm (Infrared) |
| **Termination** | ST, SMA, or specialized connector (indicated by suffix) |
| **Housing Material** | Metal or high-grade polymer (for durability) |
---
### 2. Key Technical Specifications
While exact specs vary by manufacturer (such as Industrial Fiber Optics or similar vendors), the 06-R/BL series generally follows these electrical parameters:
* **Peak Wavelength:** ~660 nm (Visible Red Spectrum).
* **Forward Current ($I_f$):** Typically 20mA to 50mA.
* **Forward Voltage ($V_f$):** 1.8V to 2.4V.
* **Reverse Voltage ($V_r$):** 3V to 5V maximum.
* **Rise/Fall Time:** Fast switching speeds (nanoseconds) suitable for MHz data rates.
---
### 3. Pinout and Internal Structure
The device usually consists of a high-speed LED chip coupled to an optical lens.
```mermaid
graph LR
A[Anode Pin] --> B[Internal LED Chip]
B --> C[Optical Lens/Window]
D[Cathode Pin] --> B
```
---
### 4. Application Areas
These parts are chosen for environments where copper wiring is unsuitable:
1. **Industrial Automation:** Transmitting control signals in high-voltage environments.
2. **Medical Equipment:** Isolated data links for patient safety and noise reduction.
3. **Digital Audio:** Standard TOSLINK-style high-speed optical data paths.
4. **Sensing:** Edge detection or proximity sensing using fiber optic light guides.
---
### 5. Suffix Definitions
* **-06:** Refers to the specific mechanical housing or optical power grade.
* **-R:** Often signifies **Red** light spectrum (660nm).
* **-BL:** Usually denotes a **Bulk** packaging or a specific **Blue** lens/housing color for identification purposes.
- ⤷
What are the recommended driving circuits for this fiber optic transmitter?
- ⤷ How does the FTS-06-R/BL compare to the infrared (IR) version in terms of range?
- ⤷ What is the maximum data rate (Mbps) supported by this component?