Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FTS-0B-R/BL

  • AI
    The **FTS-0B-R/BL** refers to a specific series of miniature, high-precision electronic sensors, typically categorized as **Thermal Flow Sensors** (often manufactured by companies like Semic or similar thermal component specialists). These parts are designed to measure the flow rate of gases or liquids using the principle of heat transfer. --- ## 1. Component Overview The FTS (Flow Thermal Sensor) series is characterized by its "0B" housing size and its specific wiring/output configuration (R/BL). | Feature | Specification | | :--- | :--- | | **Sensor Type** | Thermal Mass Flow Sensor | | **Operating Principle** | Constant Temperature Anemometry / Calorimetric | | **Housing Style** | 0B (Miniature Cylindrical/Plug-in) | | **Media Compatibility** | Non-aggressive gases, air, and certain liquids | | **Typical Application** | HVAC, Medical devices, Industrial automation | --- ## 2. Key Electronic Parts & Construction The internal architecture of the FTS-0B-R/BL consists of several critical layers: ### A. The Sensing Element (MEMS/Thin Film) At the core is a **Micro-Electro-Mechanical System (MEMS)** chip or a platinum thin-film resistor. It contains: * **Heater:** Raises the temperature of the sensor surface. * **Temperature Sensors:** Usually two (Upstream and Downstream) to measure the temperature gradient as the fluid flows over the element. ### B. Signal Conditioning Circuitry The "R/BL" designation often refers to the bridge circuit configuration: * **Wheatstone Bridge:** The resistors are arranged to convert small changes in resistance (caused by cooling flow) into a measurable voltage. * **Amplifier:** An internal Op-Amp scales the millivolt signal to a usable linear or non-linear output. ### C. Wiring Configuration (R/BL) In sensor nomenclature, "R/BL" typically denotes the lead wire colors or specific output pins: * **R (Red):** Usually the Positive Supply Voltage ($V_{cc}$). * **BL (Blue/Black):** Usually the Ground (GND) or the Signal Return. --- ## 3. Technical Parameters While specific values depend on the exact manufacturer datasheet, the 0B series generally follows these specs: | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage** | 5V DC or 12-24V DC | | **Output Signal** | 0-5V, 4-20mA, or Digital (I2C) | | **Response Time** | < 5ms to 50ms | | **Accuracy** | ±2% to ±5% of full scale | | **Pressure Rating** | Up to 10 Bar (standard) | --- ## 4. Application Circuit Example To integrate this part into a microcontroller system (like an Arduino or PLC), the following logic is used: ```cpp // Example: Reading FTS Analog Output int sensorPin = A0; // Signal from BL (Blue) wire float flowValue = 0; void setup() { Serial.begin(9600); } void loop() { int rawValue = analogRead(sensorPin); // Convert raw 0-1023 to actual flow rate (L/min) // based on manufacturer slope/offset flowValue = (rawValue * 5.0 / 1023.0) * calibrationFactor; Serial.println(flowValue); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact flow range (L/min) for the FTS-0B-R/BL model?
    • ⤷ How do I calibrate the R/BL output for non-linear gas flows?
    • ⤷ What are the pinout differences between the R/BL and G/Y variants?