Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FTS-10-R

  • AI
    The **FTS-10-R** typically refers to a high-precision, low-profile **Frequency Timing Source** or a **GPS/GNSS Disciplined Oscillator (GPSDO)**. These modules are critical in telecommunications, aerospace, and defense applications where atomic-level timing accuracy is required. Below is a breakdown of the electronic components and technical specifications associated with this type of module. --- ### 1. Key Technical Specifications The FTS-10-R is designed to provide a stable frequency reference even if the GNSS signal is temporarily lost (Holdover mode). | Feature | Specification (Typical) | | :--- | :--- | | **Output Frequency** | 10 MHz (Sine wave or CMOS) | | **Input Voltage** | +12V DC or +5V DC (Model dependent) | | **Stability (Locked)** | < 1x10⁻¹² (Long term) | | **Phase Noise** | Low phase noise (e.g., -145 dBc/Hz at 1kHz offset) | | **Interface** | RS-232 / UART for NMEA data and control | | **Antenna Input** | SMA connector for Active GPS/GNSS Antenna | --- ### 2. Internal Electronic Architecture The module consists of several sophisticated sub-systems working in tandem: #### A. The OCXO (Oven Controlled Crystal Oscillator) The "heart" of the device. Unlike standard crystals, this is housed in a miniature thermal oven to maintain a constant temperature, preventing frequency drift caused by environmental changes. #### B. GNSS Receiver Engine An onboard multi-constellation receiver (GPS, GLONASS, Galileo) that tracks satellites to obtain a highly accurate UTC time pulse (1PPS - One Pulse Per Second). #### C. Phase-Locked Loop (PLL) & Microcontroller * **Microcontroller:** Runs an algorithm (Kalman Filter) to compare the 10MHz output of the OCXO against the 1PPS signal from the satellites. * **Correction:** It sends a fine-tuned voltage to the OCXO to "steer" its frequency, ensuring it stays perfectly at 10 MHz. #### D. Power Management Includes Low Dropout Regulators (LDOs) to ensure that the sensitive oscillator is not affected by electrical noise or ripple from the external power supply. --- ### 3. Pinout and Connectivity Most FTS-10-R series modules utilize a pin-header interface for integration onto a PCB: | Pin Type | Description | | :--- | :--- | | **VCC / GND** | Power input and Ground. | | **10MHz Out** | The primary stabilized frequency output. | | **1PPS Out** | A pulse exactly every second, synchronized to UTC. | | **TX/RX** | Serial communication for status monitoring and configuration. | | **Lock Status** | A digital high/low pin indicating if the unit is locked to satellites. | --- ### 4. Common Applications * **Base Stations (LTE/5G):** Synchronizing cell towers to prevent call drops. * **SDR (Software Defined Radio):** Providing a stable clock for high-frequency sampling. * **Calibration Labs:** Serving as a secondary frequency standard for counters and analyzers.
    ✨ Follow-up Questions
    • ⤷ How does 'Holdover' performance differ between the FTS-10-R and standard oscillators?
    • ⤷ What is the typical warm-up time for an OCXO-based timing module?
    • ⤷ Can the FTS-10-R be configured via software commands?