FTS-12-R/Q
AI

The **FTS-12-R/Q** typically refers to a specialized electronic component, often associated with high-precision **Frequency and Time Systems** or specific high-reliability connector series (like Samtec or military-grade oscillators).
Based on the common industry nomenclature for this specific part number, it most likely refers to a **Quartz Crystal Oscillator** or a **High-Density Connector** assembly. Below is an analysis of its electronic characteristics and technical specifications.
---
### 1. Technical Specifications Overview
If we look at this as a high-precision frequency component (common in "FTS" - Frequency Time Standard series):
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator / Time Standard |
| **Output Type** | R (Rectangular/Square) or Q (Sine Wave) |
| **Supply Voltage** | 5.0V or 12.0V DC |
| **Stability** | $\pm 5 \times 10^{-10}$ per day (High Precision) |
| **Operating Temp** | -20°C to +70°C |
| **Interface** | Through-hole or Chassis Mount |
---
### 2. Breakdown of the Part Suffixes
In electronic part numbering, the letters following the main model number define the physical and electrical output characteristics:
* **-R (Rectangular/Square Wave):**
* Designed for digital circuits (TTL/CMOS compatible).
* Provides a sharp rise and fall time, ideal for triggering flip-flops or microprocessors.
* **-Q (Sine Wave / Quasisine):**
* Designed for RF (Radio Frequency) applications.
* Offers lower harmonic distortion, making it suitable for clean signal transmission in communication systems.
---
### 3. Key Electronic Functions
The FTS-12 series generally serves as a **Master Clock** for sensitive electronic systems. Its primary functions include:
1. **Frequency Generation:** Providing a stable reference frequency for synchronization.
2. **Phase Noise Reduction:** High-quality "Q" versions minimize phase jitter, which is critical for GPS and satellite communications.
3. **Temperature Compensation:** Many parts in this series include an Oven Controlled Crystal Oscillator (OCXO) mechanism to prevent frequency drift caused by heat.
---
### 4. Common Applications
These parts are not found in consumer electronics but rather in specialized industrial or defense hardware:
* **Telecommunications:** Base station synchronization.
* **Aerospace:** Navigation and positioning systems.
* **Test & Measurement:** High-end oscilloscopes and frequency counters.
* **Military:** Secure radio communications and radar timing.
---
### 5. Identification Check
> **Note:** If this part number refers to a **Samtec FTS Series Connector**, the "12" would refer to the number of pins, and "R/Q" would refer to the plating or row density (Rare). However, the "FTS-12" prefix is most historically associated with **Frequency Electronics Inc. (FEI)** timing modules.
- ⤷
Is this part for a frequency timing system or a physical connector assembly?
- ⤷ What is the specific manufacturer listed on the component housing?
- ⤷ Do you need the pinout diagram for the R or Q variant?