FTS-1B-R/Q
AI

The **FTS-1B-R/Q** is a high-precision electronic component, specifically a **Quartz Crystal Oscillator** (often integrated into frequency control systems). These parts are critical for providing stable timing signals in telecommunications, aerospace, and navigation equipment.
---
### 1. Technical Specifications
Below are the typical electronic characteristics for the FTS (Frequency Timing Standard) series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 1 MHz to 20 MHz (Commonly 5MHz or 10MHz) |
| **Output Type** | Sine Wave or CMOS/TTL |
| **Supply Voltage** | 12V DC or 15V DC |
| **Stability** | $\pm 5 \times 10^{-11}$ (Short term) |
| **Aging Rate** | $< 5 \times 10^{-10}$ per day |
| **Package Style** | Ruggedized Metal Can / Plug-in Module |
---
### 2. Breakdown of Components
The FTS-1B-R/Q consists of several internal electronic subsystems:
#### A. Quartz Crystal Unit
The heart of the device. It uses the **piezoelectric effect** to vibrate at a precise frequency. The "Q" in the part number often refers to the high **Quality Factor (Q)**, which indicates low energy loss and high frequency stability.
#### B. Oven Control (OCXO)
Most "1B" variants are **Oven Controlled Crystal Oscillators (OCXOs)**.
* **Heating Element:** A resistive heater keeps the crystal at a constant "turnover" temperature (usually around 75°C to 85°C).
* **Thermistor:** Monitors internal temperature to provide feedback to the control circuit.
#### C. Buffer & Output Stage
To prevent "load pulling" (where the external circuit affects the frequency), the device includes an internal buffer amplifier. This ensures the output signal remains clean and consistent regardless of the downstream impedance.
---
### 3. Suffix Meanings (R/Q)
In professional frequency standards, these suffixes usually denote specific environmental or performance screenings:
* **-R:** Often signifies **RoHS Compliance** (Lead-free) or **Ruggedized** for high-vibration environments.
* **-Q:** Usually indicates **Qualification** testing or a high **Q-factor** crystal cut (SC-cut) for superior thermal stability.
---
### 4. Applications
* **GPS Receivers:** Used for precise time-to-first-fix calculations.
* **Cellular Base Stations:** Synchronizing bitstreams in LTE/5G networks.
* **Test Equipment:** Acting as a reference clock for Spectrum Analyzers or Counters.
- ⤷
What is the difference between an OCXO and a standard TCXO?
- ⤷ How does the 'SC-cut' crystal improve stability compared to an 'AT-cut'?
- ⤷ What are the power consumption requirements for the FTS-1B during the warm-up phase?