FTS-2E-R/K
AI

The **FTS-2E-R/K** refers to a high-performance **Fiber Optic Thermal Stripper** (often associated with the Sumitomo or generic high-end fusion splicer accessory lines). This electronic tool is used to remove the buffer coating from optical fibers without damaging the glass cladding.
### 1. Key Electronic Components and Subsystems
The internal architecture of the FTS-2E-R/K combines precise thermal management with mechanical alignment.
| Component | Function | Technical Detail |
| :--- | :--- | :--- |
| **Heating Element** | Generates thermal energy to soften the fiber coating. | Resistance-based ceramic or metallic heater. |
| **Control Circuit (PCB)** | Manages power distribution and timing. | Integrated microcontroller (MCU) for logic control. |
| **Battery / Power Input** | Supplies electricity to the heating unit. | Usually 12V DC input or rechargeable Li-ion cell. |
| **LED Indicators** | Provides visual feedback on status. | Dual-color LEDs (Red for heating, Green for ready). |
| **Thermostat/Sensor** | Regulates temperature to prevent overheating. | NTC Thermistor or built-in thermal fuse. |
---
### 2. Functional Operation (Electronic Process)
1. **Power Activation:** When the device is switched on, the internal **Microcontroller** checks the battery voltage and sensor continuity.
2. **Thermal Cycle:** Upon closing the lid, a micro-switch triggers the **Power MOSFET** to send current to the heater. The heater reaches a specific temperature (typically around $100^{\circ}C$ to $150^{\circ}C$) to weaken the bond of the acrylate coating.
3. **Timing Logic:** The electronic timer waits for a pre-set duration (approx. 3–5 seconds). Once reached, the LED changes color, signaling the user that the fiber is ready to be pulled through the stripping blades.
4. **Auto-Off / Power Save:** To preserve battery life and prevent component burnout, the electronic controller automatically cuts power to the heater after a specific period of inactivity.
---
### 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Power Source** | DC 12V (from Fusion Splicer or AC Adapter) |
| **Warm-up Time** | < 5 Seconds |
| **Fiber Compatibility** | Single fiber to 12-core Ribbon |
| **Heater Type** | Integrated Ceramic Plate |
---
### 4. Maintenance of Electronic Parts
* **Charging:** Ensure the DC port is free of debris to prevent short circuits.
* **Sensor Cleaning:** Periodically clean the heating area with Isopropyl Alcohol (IPA) to ensure the thermal sensor reads accurately.
* **Battery Care:** If the device is unused for long periods, charge it every 3 months to prevent the internal battery from entering a deep discharge state.
- ⤷
How do I calibrate the temperature settings on the FTS-2E-R/K?
- ⤷ What are the common error codes indicated by the LED flashes?
- ⤷ Can this stripper be powered directly from a fusion splicer's 12V output?