FTS-30-R/BL
AI

The **FTS-30-R/BL** refers to a specific type of professional-grade **LED Flexible Tape Light** (often part of the "Flexible Tape Series"). These components are widely used in architectural lighting, signage, and decorative electronics.
Below is a breakdown of the electronic specifications and parts associated with this model.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Model** | FTS-30-R/BL |
| **LED Type** | SMD (Surface Mount Device) |
| **Color Output** | R/BL (Red / Blue Dual or Specific Color Tone) |
| **Input Voltage** | Typically 12V or 24V DC |
| **LED Density** | 30 LEDs per meter |
| **Power Consumption** | Approx. 7.2W per meter (varies by manufacturer) |
| **Beam Angle** | 120° |
---
### 2. Component Breakdown
#### A. The LED Chips (SMD)
The "30" in the part number signifies there are **30 LEDs per meter**. These are usually **SMD 5050** or **SMD 2835** chips.
* **R/BL Designation:** This indicates the phosphor coating or the diode type. It usually refers to a **Red/Blue** output, often used in horticultural (grow lights) or specialized signal lighting.
#### B. Flexible PCB (Printed Circuit Board)
The substrate is a "Flex-PCB," composed of thin copper layers laminated between polyimide or polyester films.
* **Trace Layout:** The circuit is arranged in "cuttable" segments (usually every 3 or 6 LEDs) with copper solder pads.
* **Heat Dissipation:** The PCB acts as a basic heat sink to pull thermal energy away from the diodes.
#### C. Passive Components (Resistors)
Between the LEDs, you will find small **SMD Resistors**. These are critical for:
* **Current Limiting:** Protecting the LEDs from thermal runaway by restricting the flow of current.
* **Voltage Balancing:** Ensuring the voltage is dropped correctly across each segment of the parallel-series circuit.
#### D. Protective Coating
Depending on the IP rating (e.g., IP65 or IP67), the parts may be encased in:
* **Epoxy Resin:** For basic moisture protection.
* **Silicone Sleeve:** For high-end UV resistance and waterproofing.
---
### 3. Connection & Integration
To operate the FTS-30-R/BL, the following peripheral electronic parts are required:
1. **Constant Voltage Driver:** A power supply that converts AC (110V/220V) to the required DC voltage.
2. **Dimmer/Controller:** Since these are often used for color effects, a PWM (Pulse Width Modulation) controller is used to adjust brightness or blend the Red/Blue channels.
3. **Adhesive Backing:** Most FTS models come with **3M VHB** thermal adhesive tape on the rear for mounting.
---
- ⤷
What is the exact input voltage requirement for the FTS-30-R/BL?
- ⤷ Does this model require a specific PWM controller for color mixing?
- ⤷ What is the IP rating for this specific light strip?