FTS-33-R/K
AI

The **FTS-33-R/K** refers to a high-precision, sub-miniature **Tuning Fork Crystal Oscillator** (TCXO - Temperature Compensated Crystal Oscillator) typically used in timing and synchronization applications.
---
## 1. Core Technical Specifications
The "FTS" series is designed for stability in compact electronic environments. Below are the typical electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Nominal Frequency** | Generally 32.768 kHz (Standard for RTC) |
| **Output Type** | CMOS / Clipped Sine Wave |
| **Supply Voltage (Vcc)** | 1.8V to 3.3V DC |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±5ppm to ±50ppm (Depending on specific variant) |
| **Package Size** | Sub-miniature (e.g., 3.2 x 2.5 mm or similar) |
---
## 2. Key Electronic Components & Design
The "R/K" suffix often denotes specific packaging or temperature tolerance variations within the manufacturer's catalog (commonly associated with brands like **Fox Electronics** or **NDK**).
### A. Tuning Fork Quartz Crystal
The heart of the device is a chemically etched quartz crystal shaped like a tuning fork.
* **Piezoelectric Effect:** When voltage is applied, the quartz vibrates at a precise frequency.
* **32.768 kHz:** This frequency is used because it equals $2^{15}$ Hz, making it easy to create a 1-second pulse using simple binary dividers.
### B. Temperature Compensation Circuit
Unlike standard crystals, the "TS" (Temperature Sensing) element inside adjusts the output to counteract frequency drift caused by heat or cold.
* **Varactor Diode:** Used to "pull" the frequency slightly to stay on target.
* **Thermistor Network:** Senses the ambient temperature to provide feedback to the compensation logic.
### C. Output Driver
The internal IC includes a buffer that ensures the signal is strong enough to drive the clock input of a Microcontroller (MCU) or System-on-Chip (SoC).
---
## 3. Applications
These parts are critical in devices where keeping accurate time is mandatory even when the main power is off or fluctuating:
1. **Real-Time Clocks (RTC):** Maintaining the date and time in computers and servers.
2. **Smart Meters:** Ensuring billing cycles are accurately recorded over years of operation.
3. **IoT Devices:** Low power consumption allows these parts to run on coin-cell batteries for long durations.
4. **Wearables:** The small form factor is ideal for smartwatches and medical monitors.
---
## 4. Connection Diagram (General)
```markdown
Pin 1: OE (Output Enable) or NC
Pin 2: GND (Ground)
Pin 3: Output (Clock Signal)
Pin 4: Vcc (Supply Voltage)
```
- ⤷
What is the difference between a standard crystal and a TCXO like the FTS-33?
- ⤷ How does the 'R/K' suffix impact the soldering process or thermal profile?
- ⤷ What are the power consumption limits for this specific oscillator?