FTS-3G-R/B
AI

The **FTS-3G-R/B** is a specific variant of a mechanical-electronic hybrid component, most commonly associated with **Optical Bypass Switches** used in fiber optic networking (specifically 3G-SDI or high-speed data applications).
The "R/B" suffix typically indicates specific power or logic configurations (often **R**elay/**B**ipolar or specific color-coded status indicators).
---
### 1. Core Technical Specifications
These parts are designed to maintain network integrity by providing a "bypass" path if power is lost or a hardware failure occurs.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Fiber Type** | Singlemode or Multimode |
| **Data Rate** | Up to 3Gbps (Optimized for 3G-SDI) |
| **Switching Time** | < 10ms |
| **Insertion Loss** | < 1.0 dB |
| **Operating Voltage** | 5V DC or 12V DC (Model dependent) |
| **Switch Type** | Latching or Non-Latching |
---
### 2. Key Electronic Components
#### A. Electromagnetic Actuator
The heart of the FTS-3G is a precision micro-relay mechanism. When energized, the magnetic coil moves a micro-mirror or a fiber prism to redirect the light path.
* **The "R" Logic:** Often signifies a specific Reset or Relay coil configuration.
* **The "B" Logic:** Often refers to Bi-stable (latching) operation, meaning it stays in its last position even if power is removed.
#### B. Control Circuitry (Integrated PCB)
The internal PCB manages the voltage levels required to trigger the switch without damaging the delicate mechanical alignment. It includes:
* **Flyback Diodes:** To protect the driving circuit from voltage spikes when the coil is de-energized.
* **Position Sensors:** Some models include feedback pins to tell the controller whether the switch is in "Bypass" or "Normal" mode.
#### C. Optical Bench
While not purely "electronic," the optical bench contains the alignment sleeves. The FTS-3G series is specifically engineered for **Low Return Loss**, which is critical for 3G-SDI video signals to prevent ghosting or signal degradation.
---
### 3. Connection Pinout Diagram (General)
```text
Pin 1: VCC (Power +)
Pin 2: GND (Ground -)
Pin 3: Control Signal (High/Low to Switch)
Pin 4: Status Output (Bypass Active)
Pin 5: Status Output (Normal Active)
```
---
### 4. Application Use Case
The **FTS-3G-R/B** is primarily used in:
1. **Broadcast Television:** Ensuring that a 3G-SDI video feed continues even if a distribution amplifier fails.
2. **Network Security:** In-line "Deep Packet Inspection" tools that must not break the link if they crash.
3. **Data Centers:** Failing over optical links in high-speed fiber rings.
- ⤷
What is the difference between latching and non-latching versions of this switch?
- ⤷ How do I calculate the power budget for an FTS-3G-R/B integration?
- ⤷ What are the specific wiring requirements for the R/B suffix models?