Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FTS-3G-R/K

  • AI
    The **FTS-3G-R/K** refers to a high-precision **Fail-Safe Temperature Switch** or thermostat, commonly used in industrial HVAC systems, rail applications, or machinery protection. These devices are designed to monitor temperatures and trigger a relay or safety circuit if a specific threshold is exceeded. --- ### 1. Key Electronic Components & Specifications The device is built with several critical electronic stages to ensure accuracy and reliability in harsh environments. | Component Type | Description | | :--- | :--- | | **Sensor Element** | Usually a **PT100/PT1000** RTD or a specialized NTC thermistor for high-precision thermal sensing. | | **Control Logic** | An integrated circuit (IC) or analog comparator circuit that compares the sensor voltage against a preset reference. | | **Output Stage** | A mechanical **Relay** or Solid State Relay (SSR) providing a potential-free switching contact. | | **Power Supply** | Internal AC/DC converter (often supporting 24V AC/DC or 110/230V AC depending on the sub-model). | | **Terminals** | Screw-type terminal blocks for secure wire connection (R/K variants often specify terminal orientation). | --- ### 2. Functional Characteristics The electronic architecture of the FTS-3G-R/K is defined by its **safety-first** design: 1. **Fail-Safe Mechanism:** The "R/K" designation often indicates the relay behavior. In a fail-safe setup, the relay is energized during normal operation and de-energizes (drops out) if power is lost or the temperature limit is breached. 2. **Hysteresis Control:** The electronics include a "switching differential" to prevent the relay from "chattering" (rapidly switching on/off) when the temperature is hovering right at the limit. 3. **Galvanic Isolation:** The internal electronics ensure that the sensing circuit is electrically isolated from the high-voltage switching side to protect the controller. --- ### 3. Wiring Configuration (General) Typical electronic pinout for this class of device: ```text Terminal 1-2: Power Input (e.g., 24V DC) Terminal 3-4: Sensor Input (Remote probe connection) Terminal 5: Common (Relay) Terminal 6: Normally Open (NO) Terminal 7: Normally Closed (NC) ``` --- ### 4. Application Context The "3G" in the nomenclature often refers to the **ATEX Category 3G**, meaning the electronic housing and components are rated for use in **Zone 2 Hazardous Areas** (where explosive atmospheres are unlikely to occur but must be accounted for). ---
    ✨ Follow-up Questions
    • ⤷What is the exact temperature range supported by the FTS-3G-R/K?
    • ⤷ Does this model require manual or automatic reset after a trip?
    • ⤷ What is the maximum contact rating for the relay output?