FTS-44-R/Q
AI

The **FTS-44-R/Q** is a high-precision, space-qualified Rubidium Atomic Frequency Standard (RAFS). It is primarily designed for satellite applications, such as GNSS (Global Navigation Satellite Systems) and deep-space communications, where extreme stability and reliability are required.
### 1. Core Technical Specifications
The device functions as a master clock, providing a stable frequency output by locking a quartz crystal oscillator to the ground-state hyperfine transition of Rubidium-87 atoms.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Atomic Species** | Rubidium-87 ($^{87}$Rb) |
| **Output Frequency** | 10 MHz (Standard) |
| **Short-Term Stability** | $\le 2 \times 10^{-12}$ at $\tau = 1$ sec |
| **Aging Rate** | $\le 5 \times 10^{-11}$ per month |
| **Operating Temperature** | -20°C to +60°C |
| **Supply Voltage** | +28V DC (Typical for Spacecraft) |
---
### 2. Major Electronic Subsystems
The FTS-44-R/Q consists of several critical electronic and physical modules integrated into a single hermetic package:
#### A. Physics Package (The Core)
* **Rubidium Lamp:** An electrodeless discharge lamp (EDL) driven by an RF exciter. It produces the specific light frequency required for optical pumping.
* **Absorption Cell:** Contains $^{87}$Rb vapor and a buffer gas.
* **Photodetector:** Measures the intensity of light passing through the cell to detect the atomic resonance.
* **Microwave Cavity:** A resonant structure where the atoms interact with a microwave signal (approx. 6.834 GHz).
#### B. Servo & Control Electronics
* **Lock Loop Logic:** A feedback circuit that compares the photodetector output to the frequency of the Quartz oscillator. If a drift is detected, the electronics adjust the oscillator voltage.
* **C-Field Controller:** Precise DC current control used to fine-tune the magnetic field within the physics package, allowing for minute frequency adjustments.
* **Lamp/Cell Heaters:** High-precision thermal control circuits that maintain the physics package at a constant temperature (usually within $\pm 0.01^\circ C$) to minimize thermal drift.
#### C. RF Generation
* **VCXO (Voltage Controlled Crystal Oscillator):** The primary source of the output signal. Its stability is "disciplined" by the atomic transition.
* **Frequency Multiplier Chain:** Converts the VCXO's base frequency up to the microwave frequency (6.8 GHz) needed to interrogate the Rubidium atoms.
---
### 3. Reliability and Space Qualification
The "R/Q" designation often refers to **Radiation-Hardened** and **Qualified** components.
* **Radiation Hardening:** The internal semiconductors (ICs, MOSFETs) are selected to withstand Total Ionizing Dose (TID) and Single Event Effects (SEE) common in the space environment.
* **Redundancy:** These units often feature redundant telemetry outputs for monitoring health (lamp voltage, crystal drive, etc.) from a ground station.
---
### 4. Typical Connection Interface
The electronic interface usually follows a standard circular military-grade or space-grade connector:
```markdown
Pin Mapping (Conceptual):
1. Power (+28V DC)
2. Power Return (GND)
3. 10 MHz RF Output
4. Telemetry (Lamp Voltage)
5. Telemetry (Lock Status)
6. Frequency Adjust (Analog/Digital)
```
- ⤷
What are the primary differences between the R and Q variants of this Rubidium standard?
- ⤷ How does the FTS-44-R/Q handle the 'Single Event Upset' (SEU) in space environments?
- ⤷ What is the typical power consumption of this unit during the warm-up phase versus steady-state?