FTS-7A-R/Q
AI

The **FTS-7A-R/Q** typically refers to a high-precision, oven-controlled quartz crystal oscillator (OCXO) or a frequency timing standard component, often used in aerospace, telecommunications, and military applications.
Below is a breakdown of the electronic components and technical specifications associated with this series.
---
### 1. Key Technical Specifications
| Parameter | Specification (Typical) | Description |
| :--- | :--- | :--- |
| **Component Type** | OCXO | Oven Controlled Crystal Oscillator |
| **Output Frequency** | 5 MHz / 10 MHz | Standard high-stability reference frequencies |
| **Supply Voltage** | 12V to 15V DC | Standard operating power for the heater and circuit |
| **Stability** | $\pm 5 \times 10^{-10}$ | Frequency stability over temperature variations |
| **Aging Rate** | $< 5 \times 10^{-10}$ / day | Long-term frequency drift rate |
| **Package Style** | Metal Hermetic Seal | Protects internal components from humidity and pressure |
---
### 2. Internal Electronic Architecture
The "FTS" (Frequency and Time Standard) series relies on several critical electronic subsystems:
#### A. The Quartz Crystal (SC-Cut)
The heart of the device is a premium quartz crystal, usually **SC-cut (Stress Compensated)**. This specific cut is chosen because it is less sensitive to mechanical stress and thermal gradients compared to standard AT-cut crystals.
#### B. The Oven Control Circuit
To achieve high stability, the crystal is placed inside a miniature "oven."
* **Thermistor:** A sensor that monitors the internal temperature.
* **Heating Element:** A power transistor or resistor that generates heat.
* **Control Loop:** An analog or digital PID controller that maintains the crystal at its "turnover temperature" (the exact point where the crystal's frequency-temperature curve is flattest).
#### C. The Oscillator Circuitry
Low-noise transistors and capacitors are used to maintain the vibration of the crystal. These are designed for **Ultra-Low Phase Noise**, ensuring the signal is "clean" for high-frequency synchronization.
---
### 3. Pinout and Integration
While specific revisions may vary, the standard R/Q series usually features a multi-pin header:
* **Vcc:** Positive supply voltage.
* **GND:** Case and circuit ground.
* **RF Output:** The sine wave or CMOS square wave output.
* **V-Tune (Optional):** An electronic frequency control (EFC) pin that allows the user to fine-tune the frequency using an external voltage.
* **BITE (Built-In Test Equipment):** A status pin that indicates if the oven has reached its stable operating temperature ("Lock" signal).
---
### 4. Applications
* **Satellite Ground Stations:** Providing stable timing for signal processing.
* **Test and Measurement:** Used as a reference clock in high-end oscilloscopes or frequency counters.
* **Cellular Base Stations:** Synchronizing CDMA, LTE, or 5G networks.
- ⤷
What is the difference between an OCXO and a TCXO in terms of power consumption?
- ⤷ How does the 'SC-cut' crystal improve performance over an 'AT-cut' crystal?
- ⤷ What are the common failure modes for the FTS-7A series oscillators?