Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FTS-81-R

  • AI
    The **FTS-81-R** is a specialized precision electronic component, typically categorized as a **High-Stability Oven Controlled Crystal Oscillator (OCCO)** or a high-precision frequency standard module, often used in telecommunications and synchronization systems. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications The FTS-81-R is designed for applications where frequency drift must be minimized against temperature changes and aging. | Parameter | Typical Specification | | :--- | :--- | | **Output Frequency** | Usually 10.0 MHz (Standard) | | **Supply Voltage** | +12V DC to +15V DC | | **Stability (Temp)** | $\pm 5 \times 10^{-10}$ to $\pm 1 \times 10^{-9}$ | | **Aging Rate** | $< 5 \times 10^{-10}$ per day | | **Warm-up Time** | < 10 minutes to reach specified accuracy | | **Package Type** | Through-hole Metal Can / Modular | --- ### 2. Internal Electronic Architecture The device consists of several critical internal sub-systems: * **SC-Cut Crystal:** Unlike standard crystals, it often uses an "SC-cut" (Stress Compensated) quartz crystal which provides superior thermal stability and lower sensitivity to mechanical stress. * **Heater Control Circuit:** An internal proportional controller that maintains the crystal at a specific "turn-over" temperature (usually around 75°C to 85°C) to negate environmental temperature fluctuations. * **Low Noise Buffer:** An output stage designed to provide a clean sine wave or CMOS/TTL square wave while isolating the oscillator from load variations. * **Voltage Regulation:** Internal LDOs (Low Dropout Regulators) to ensure that power supply noise does not translate into phase noise or frequency jitter. --- ### 3. Pinout and Connectivity While specific revisions may vary, the standard FTS series usually follows this configuration: 1. **VCC:** Power input (typically +12V). 2. **GND:** Common Ground and Case Ground. 3. **RF Output:** The high-stability frequency signal. 4. **V-Tune (Optional):** An analog input (0-5V or 0-10V) to allow for fine-tuning the frequency via an external PLL or GPS disciplined source. 5. **Reference Voltage:** A stable output voltage for use with an external potentiometer for manual tuning. --- ### 4. Common Applications Due to its high precision, the FTS-81-R is found in: * **Base Stations:** Providing the clock for cellular networks (LTE/5G). * **Test Equipment:** Acting as the internal timebase for frequency counters and signal generators. * **Satellite Ground Stations:** Ensuring precise up/down conversion of signals. * **Navigation:** High-accuracy timing for GPS-referenced systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the FTS-81-R and a standard TCXO?
    • ⤷ How do you calibrate the frequency of an FTS-81-R using the V-Tune pin?
    • ⤷ What is the typical power consumption during the warm-up phase versus steady state?