FTS-85-R/BN
AI

The **FTS-85-R/BN** is a high-performance, precision coaxial connector assembly, typically categorized as a **Blind-Mate Floating Coaxial Connector**. These parts are primarily used in high-frequency RF (Radio Frequency) applications where board-to-board or module-to-module connections require compensation for mechanical misalignment.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Connector Type** | Blind-Mate / Floating Coaxial |
| **Impedance** | 50 Ohms (Standard) |
| **Frequency Range** | Typically DC to 18 GHz or higher (depending on configuration) |
| **Termination Style** | Solder or Crimp (model dependent) |
| **Material (Body)** | Brass or Beryllium Copper with Nickel (BN) plating |
| **Contact Plating** | Gold or Silver (for low signal loss) |
---
### 2. Functional Electronic Components
The "Electronic Parts" of this assembly can be broken down into three main categories:
#### A. The Inner Conductor (Contact)
The heart of the connector. It is responsible for transmitting the electrical signal with minimal **VSWR (Voltage Standing Wave Ratio)**. In the "R/BN" series, this is usually a gold-plated pin or socket designed for high conductivity and durability over multiple mating cycles.
#### B. The Dielectric Insulator
This is a non-conductive material (often **PTFE/Teflon**) that separates the inner conductor from the outer shell. It is critical for:
* Maintaining constant impedance (50 Ohms).
* Preventing electrical arcing between the signal and ground.
#### C. The Outer Body & Spring Mechanism
The "FTS" series is known for its **Floating** capability.
* **Mechanical Compensation:** The outer shell contains a spring or "bellows" design that allows the connector to move (float) in the X, Y, and Z axes.
* **Grounding:** The outer body provides the return path for the signal and acts as a shield against Electromagnetic Interference (EMI).
---
### 3. Part Number Breakdown: FTS-85-R/BN
* **FTS:** Series prefix (Floating/Blind-Mate Series).
* **85:** Specific size or interface diameter (often 0.85mm or a proprietary sizing code).
* **R:** Usually denotes "Right Angle" orientation or "Reverse" polarity depending on the specific manufacturer catalog.
* **BN:** Refers to the finish, typically **Bright Nickel** or **Black Nickel** plating on the exterior housing.
---
### 4. Common Applications
Due to its ability to handle misalignment, this part is used in:
1. **Phased Array Antennas:** Where hundreds of connections must line up simultaneously.
2. **Military Avionics:** High-vibration environments where rigid connections would fail.
3. **Telecom Base Stations:** Connecting daughterboards to backplanes.
---
- ⤷What is the maximum axial misalignment tolerance for the FTS-85 series?
- ⤷ How does the Nickel (BN) plating affect the RF performance compared to Gold plating?
- ⤷ Is this connector compatible with standard SMA or SMP interfaces?