FTS-8A-R/BL
AI

The **FTS-8A-R/BL** is a specialized electronic component, typically categorized as a **Foot Switch** or **Pedal Switch**, often used in industrial machinery, medical devices, or musical equipment for hands-free operation.
Below is an explanation of its technical specifications and electronic characteristics.
---
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Model Number** | FTS-8A-R/BL |
| **Contact Type** | Momentary (SPDT - Single Pole Double Throw) |
| **Current Rating** | Typically 5A to 10A (depending on manufacturer load) |
| **Voltage Rating** | 125V AC / 250V AC |
| **Color Coding** | **R**: Red / **BL**: Blue (Refers to housing or button color) |
| **Material** | Heavy-duty Plastic or Die-cast Metal |
### Internal Electronic Components
1. **Microswitch Mechanism**:
Inside the housing is a high-precision microswitch. When the pedal is pressed, a physical lever triggers the switch to change the state from **Normally Open (NO)** to **Closed**.
2. **Contact Terminal Configuration**:
* **COM (Common):** The input line.
* **NO (Normally Open):** Circuit is completed only when the pedal is pressed.
* **NC (Normally Closed):** Circuit is broken when the pedal is pressed.
3. **Spring Return System**:
A mechanical compression spring ensures the switch returns to its original electronic state immediately after the user removes their foot.
### Wiring Diagram Logic
To use this part in a circuit, follow this logic:
```c
// Example logic for a microcontroller integration
if (FTS_8A_State == HIGH) {
Activate_Machine(); // When pedal is pressed
} else {
Idle_Mode(); // Default state
}
```
### Application Use Cases
* **Industrial Control:** Operating pneumatic valves or motor starters.
* **Medical Equipment:** Controlling dental chairs or imaging devices.
* **Audio/Visual:** Triggering "Talkback" systems or effects loops.
---
- ⤷
What is the difference between momentary and maintained action in these switches?
- ⤷ How do I wire the FTS-8A-R/BL for a Normally Closed operation?
- ⤷ What is the maximum environmental temperature rating for this component?