Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FTS-NF-R/BN

  • AI
    The **FTS-NF-R/BN** is a specialized electronic component, typically categorized as a **High-Frequency Connector** or an **Attenuator/Termination** module (depending on the specific manufacturer, though the naming convention strongly suggests an **N-type Female to BNC Male** adapter or specialized RF interface). Below is a breakdown of the electronic and mechanical specifications for this type of RF (Radio Frequency) component. --- ### 1. General Specifications These components are designed to maintain impedance matching in high-frequency circuits to prevent signal reflection. | Feature | Description | | :--- | :--- | | **Connector A** | N-Type (Female) | | **Connector B** | BNC (Male) | | **Impedance** | Typically 50 Ohms (Standard for RF) | | **Body Material** | Brass or Stainless Steel | | **Plating** | Nickel (NF) or Albaloy/Silver | | **Contact Pin** | Gold-plated Beryllium Copper or Brass | --- ### 2. Key Electronic Parameters For an RF adapter or part like the FTS series, the following electronic characteristics are critical: * **Frequency Range:** Usually supports DC up to **4 GHz or 11 GHz**, depending on the precision grade of the N-type interface. * **VSWR (Voltage Standing Wave Ratio):** Ideally **< 1.2:1**. This measures how efficiently RF power is transmitted through the part. * **Insertion Loss:** Minimal (typically **< 0.2 dB**), ensuring the signal strength remains consistent as it passes through the transition. * **Dielectric Withstanding Voltage:** Usually rated for **1500V RMS** or higher. * **Insulation Resistance:** Typically **≥ 5000 MΩ**. --- ### 3. Structural Components The "FTS-NF-R/BN" part is constructed of several sub-parts: 1. **Outer Shell:** Provides the ground connection and physical shielding against EMI (Electromagnetic Interference). 2. **Dielectric Insulator:** Usually made of **PTFE (Teflon)** to maintain constant impedance and provide high-temperature resistance. 3. **Center Conductor:** The "signal" path. The female side uses a socket, while the male side uses a pin. 4. **Gasket/O-Ring:** Found in the "R" (Rugged or Rubber) variants to provide environmental sealing against moisture. --- ### 4. Application Use Cases * **Testing & Measurement:** Connecting high-end laboratory equipment (N-type) to standard oscilloscopes or signal generators (BNC). * **Telecommunications:** Transitioning between thick outdoor coaxial cables and indoor routing hardware. * **Antenna Systems:** Adapting base station antennas to portable radio equipment.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency limit for this specific FTS model?
    • ⤷ How does the 'BN' suffix affect the mounting style of the connector?
    • ⤷ What are the environmental IP ratings for the 'R' ruggedized version?