FUD-164-R./Q
AI

The **FUD-164-R/Q** is a high-performance **PIR (Passive Infrared) Sensor**, typically manufactured by companies like Murata or similar electronic component specialists. It is designed for motion detection, security systems, and automated lighting.
---
### 1. Key Technical Specifications
The "R/Q" designation usually refers to the specific configuration or sensitivity profile of the sensor.
| Feature | Specification |
| :--- | :--- |
| **Element Type** | Dual Element (compensates for ambient temperature) |
| **Configuration** | TO-5 Metal Can Package |
| **Supply Voltage** | 2.0V to 15.0V DC |
| **Spectral Response** | 5μm to 14μm (Human body IR range) |
| **Field of View** | 134° (Horizontal) / 120° (Vertical) |
| **Operating Temp** | -40°C to +70°C |
---
### 2. Electronic Architecture
The sensor consists of three primary internal components:
1. **Pyroelectric Material:** Two ceramic elements that generate an electrical charge when exposed to Infrared radiation (heat).
2. **Optical Filter:** A silicon window that acts as a band-pass filter, blocking visible light and allowing only IR wavelengths (8–14 microns) emitted by human skin.
3. **FET (Field Effect Transistor):** An internal FET acts as an impedance converter, transforming the high-impedance signal from the ceramic elements into a usable low-impedance voltage output.
### 3. Pin Configuration
The device typically follows a standard 3-pin layout for PIR sensors:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| **1** | VDD | Power supply (Drain) |
| **2** | OUT | Signal output (Source) |
| **3** | GND | Common ground (Case) |
---
### 4. Application Circuitry
To use the FUD-164-R/Q in a project, it requires external circuitry to process the analog signal. Below is a conceptual example of the signal chain:
```mermaid
graph LR
A[PIR Element] --> B[FET Buffer]
B --> C[Amplifier Stage]
C --> D[Window Comparator]
D --> E[MCU/Digital Output]
```
**Implementation Code (Pseudo-code for Microcontroller):**
```cpp
const int pirPin = 2; // Connected to the output of the amplifier circuit
void setup() {
pinMode(pirPin, INPUT);
Serial.begin(9600);
}
void loop() {
int motion = digitalRead(pirPin);
if (motion == HIGH) {
Serial.println("Motion Detected!");
}
}
```
- ⤷What is the difference between the R and Q variants of this sensor?
- ⤷ How do I calculate the gain for the external amplifier circuit?
- ⤷ What type of Fresnel lens is recommended for the FUD-164-R?