Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FUD-5W0-R./Q

  • AI
    The **FUD-5W0-R/Q** is a high-precision, industrial-grade AC current transducer (also referred to as a power transmitter). Its primary function is to convert an AC current input into a standardized DC signal (voltage or current) for monitoring and control systems. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | AC Current (Sinusoidal) | | **Input Range** | Typically 0-1A or 0-5A AC (Standard CT secondary) | | **Output Type** | DC Voltage (e.g., 0-5V, 0-10V) or Current (e.g., 4-20mA) | | **Accuracy Class** | 0.2% or 0.5% (High Precision) | | **Response Time** | < 400ms | | **Isolation** | Input / Output / Power / Case | | **Mounting** | DIN Rail (Standard 35mm) | --- ## 2. Internal Electronic Architecture The device is composed of several critical stages to ensure safety and signal integrity: ### A. Input Isolation Stage This stage uses an internal precision current transformer. It serves two purposes: 1. **Stepping down** the input current to a level manageable by the internal circuitry. 2. **Galvanic Isolation** to protect downstream PLC/DCS equipment from high-voltage surges on the primary line. ### B. Signal Processing (Rectification & Filtering) Since the input is AC and the output must be DC, the device employs: * **Precision Rectifiers:** Converts AC to pulsating DC with minimal voltage drop. * **True RMS-to-DC Converter (Optional):** Higher-end versions ("Q" variants often imply specific calibrations) use RMS converters to accurately measure non-sinusoidal waveforms. * **Low-pass Filtering:** Removes ripple to ensure a stable, "clean" DC output. ### C. Output Driver An operational amplifier (Op-Amp) circuit scales the signal to the desired output range (e.g., 4-20mA). This stage is designed with a high output impedance to drive signals over long distances without loss. --- ## 3. Key Features of the "R/Q" Series The suffix letters in these models usually denote specific configuration options: * **R (Reliability/Response):** Often indicates a specific response time characteristic or enhanced ruggedization for industrial environments. * **Q (Quadrature/Quality):** In some manufacturer nomenclatures, this refers to the ability to handle reactive components or simply a higher precision grade for billing-grade monitoring. * **Triple Isolation:** These units feature 3-way isolation (Input-Output, Input-Power, Output-Power) which prevents ground loops. --- ## 4. Wiring and Application In a typical setup, the **FUD-5W0-R/Q** acts as the bridge between heavy power machinery and sensitive electronic controllers. ```mermaid graph LR A[AC Motor/Line] -->|0-5A AC| B(FUD-5W0-R/Q) B -->|4-20mA DC| C[PLC / SCADA System] D[External Power 24V/110V] --> B ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific power supply requirements for the FUD-5W0 series?
    • ⤷ How does the 'Q' suffix specifically affect the accuracy rating compared to the standard model?
    • ⤷ Can this transducer handle non-sinusoidal (harmonic) AC inputs?