FUD-5W4-R./Q
AI

The **FUD-5W4-R/Q** is a specific model within the series of **Signal Isolation Transmitters** (also known as Signal Conditioners or Isolators). These components are critical in industrial automation and control systems for processing analog signals.
---
## 1. Core Functionality
The primary purpose of this electronic part is to convert an analog input signal into a standard output signal while providing **galvanic isolation** between the input, output, and power supply.
| Feature | Description |
| :--- | :--- |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Protection** | Prevents ground loops and protects equipment from high-voltage surges |
| **Conversion** | Linear conversion of voltage or current signals |
| **Signal Type** | DC (Direct Current) |
---
## 2. Technical Specifications
While specific naming conventions can vary by manufacturer (often used by brands like *Fuji* or various automation hardware providers), the "5W4" nomenclature typically follows this standard mapping:
### Signal Configuration
* **Input Range:** Usually configured for standard process signals (e.g., 4-20mA or 0-10V).
* **Output Range:** The "W" often indicates a **dual output** or specific buffered output capability.
* **Power Supply:** Generally operates on 24V DC or 100-240V AC depending on the sub-suffix.
### Hardware Parameters
| Parameter | Typical Value |
| :--- | :--- |
| **Accuracy** | ±0.1% or ±0.2% F.S. |
| **Response Time** | < 0.5 Seconds |
| **Dielectric Strength** | 2000V AC / 1 minute |
| **Mounting** | DIN Rail (35mm) |
---
## 3. Key Electronic Components Inside
Inside the FUD-5W4-R/Q, several electronic subsystems work together:
1. **Input Conditioning Circuit:** Resistors and Op-Amps that scale the incoming signal.
2. **Modulator/Demodulator:** Converts the analog signal into a high-frequency pulse to pass through a transformer (for isolation) and then back to analog.
3. **Isolation Transformer:** The heart of the device; it transfers energy/data without a direct electrical path.
4. **Voltage Regulator:** Ensures the internal electronics receive steady power despite external fluctuations.
---
## 4. Application Areas
* **PLC/DCS Systems:** Connecting field sensors to a controller.
* **Power Plants:** Monitoring high-voltage systems safely.
* **Water Treatment:** Isolating flow and pressure sensors from motor interference.
- ⤷
What are the specific input and output ranges for the FUD-5W4-R/Q?
- ⤷ How do I wire this isolator to a 4-20mA sensor?
- ⤷ What is the difference between the R and Q suffixes in this model number?