Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FUD-E3-R./Q

  • AI
    The **FUD-E3-R/Q** refers to a specific series of high-performance **Pressure Sensors** (typically electronic pressure switches or transmitters) often used in industrial automation for liquid or gas monitoring. --- ### 1. Technical Specifications Overview The electronic components within these units are designed for high precision and reliability in harsh environments. | Feature | Description | | :--- | :--- | | **Sensing Element** | Piezo-resistive or Silicon-based sensor chip | | **Input Voltage** | Typically 12-24V DC | | **Output Signal** | Analog (4-20mA or 0-10V) + Digital (NPN/PNP open collector) | | **Response Time** | Usually < 2.5ms (high speed) | | **Display Type** | 3.5 or 4-digit LED/LCD with status indicators | --- ### 2. Core Electronic Components #### A. The Transducer (The "Heart") The internal sensing element converts mechanical pressure into a minute electrical signal. In the FUD series, this is usually a **Piezo-resistive bridge**. As pressure deforms the diaphragm, the resistance changes, creating a voltage differential. #### B. Signal Conditioning Circuit Because the raw signal from the transducer is very weak, the internal electronics include: * **Instrumentation Amplifier:** Boosts the millivolt signal. * **ADC (Analog-to-Digital Converter):** Converts the signal for the onboard microprocessor. * **Temperature Compensation Circuit:** Ensures the reading remains accurate even if the ambient temperature fluctuates. #### C. Control and Output Stage * **Microcontroller (MCU):** Processes the logic (scaling, zero-point adjustment, and hysteresis settings). * **Transistor Switch:** The "R/Q" designation often implies the output type (e.g., Relay or Transistor). It allows the sensor to trigger an external PLC (Programmable Logic Controller) or alarm. --- ### 3. Wiring Configuration The electronic interface usually follows a standard industrial pinout: 1. **Brown:** Positive Power Supply (+V) 2. **Blue:** Negative Power Supply (0V / Common) 3. **Black:** Control Output 1 (Switching) 4. **White:** Control Output 2 or Analog Output (Depending on sub-model) --- ### 4. Key Electronic Features * **Short-Circuit Protection:** Prevents damage if the output wires are crossed. * **Reverse Polarity Protection:** Protects the internal circuitry if the power supply is connected backward. * **EMI/RFI Shielding:** Internal filtering components to prevent electrical noise from causing "ghost" readings.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q output versions?
    • ⤷ How do I calibrate the zero-point on a FUD-E3 sensor?
    • ⤷ Can this sensor be used for corrosive liquids?