FUD-E4-R./Q
AI

The **FUD-E4-R/Q** refers to a high-precision, digital laser sensor (often associated with manufacturers like Panasonic/SUNX or specialized industrial sensing brands). It is primarily used for distance measurement, displacement sensing, and object detection.
---
## 1. Core Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Sensing Method** | Laser Reflective / Diffuse Type |
| **Output Type** | PNP/NPN Open Collector (Digital) |
| **Voltage Range** | 12 - 24V DC |
| **Response Time** | High speed (typically < 1ms) |
| **Connection** | M12 Connector or Lead Wire |
| **Light Source** | Red Laser (Class 1 or 2) |
---
## 2. Key Electronic Components
The device consists of several critical internal and external electronic parts:
### A. Laser Emitting Diode (LED)
* **Function:** Generates the coherent light beam.
* **Type:** Usually a visible red laser diode which allows for easy alignment with the target.
### B. Receiver (Photo-Diode/PSD)
* **Function:** Captures the reflected light from the target object.
* **Mechanism:** In "Q" (Quality/Precision) models, this is often a **Position Sensitive Detector (PSD)** or a **CMOS array** that converts the light's position into an electrical signal to calculate distance via triangulation.
### C. Digital Processing Unit (DSP)
* **Function:** The "brain" of the sensor.
* **Task:** It filters electronic noise, processes the analog signal from the receiver, and converts it into a digital value for the display or output.
### D. Output Transistors (PNP/NPN)
* **Function:** Acts as the electronic switch.
* **R/Q Suffix:** The "R" often denotes a specific Relay or Remote functionality, while "Q" refers to the connector type (Quick-disconnect) or high-speed capability.
---
## 3. Operational Features
### Wiring and Interface
The electronic interface usually follows standard industrial color coding:
* **Brown:** +V (12-24V)
* **Blue:** 0V (GND)
* **Black:** Control Output (Digital)
* **White/Pink:** External Input (Teach-in or Laser OFF)
### Sensitivity Adjustment
The unit features an electronic "Teach" button. Instead of a manual potentiometer, it uses an internal **EEPROM** to store threshold values digitally, ensuring the settings are not lost during power cycles.
---
## 4. Typical Applications
1. **Level Detection:** Checking the height of parts on a conveyor.
2. **Counting:** High-speed counting of small or transparent objects.
3. **Positioning:** Ensuring a robotic arm is at the correct distance from a workpiece.
- ⤷
What is the exact wiring diagram for the FUD-E4-R model?
- ⤷ How do I perform a 'Teach-in' procedure on this sensor?
- ⤷ What is the difference between the NPN and PNP output versions for this device?