FUD-FW3-R./Q
AI

The **FUD-FW3-R/Q** is a high-performance, dual-beam photoelectric sensor (typically a fiber-optic amplifier or specific sensor head) designed for industrial automation. It is commonly used for detection tasks requiring high precision and resistance to harsh environments.
---
### 1. Technical Specifications
The following table outlines the core electronic and mechanical parameters for this series:
| Parameter | Specifications |
| :--- | :--- |
| **Sensing Method** | Reflective / Through-beam (depending on fiber head) |
| **Light Source** | Red LED (Visible) or Infrared |
| **Response Time** | 50 µs (High Speed) to 2 ms (Standard) |
| **Output Type** | NPN or PNP Open Collector (model specific) |
| **Operating Voltage** | 12 - 24V DC ±10% |
| **Current Consumption** | < 40 mA |
| **Protection Circuit** | Reverse polarity, Overcurrent, Surge suppression |
---
### 2. Key Electronic Features
#### A. Dual Digital Display
The "Q" and "R" series often feature a dual-monitor system.
- **Current Value:** Shows the real-time received light intensity.
- **Set Value (Threshold):** Shows the user-defined limit for triggering the output.
#### B. High-Speed Sampling
The electronic circuitry is optimized for high-speed production lines. With response times as low as **50 microseconds**, it can detect small objects moving at high velocities without signal "jitter."
#### C. Signal Stability (APC)
The unit includes an **Auto-Power Control (APC)** circuit. This compensates for LED aging or dust accumulation by automatically adjusting the light emission power to maintain a consistent sensing margin.
#### D. Interference Prevention
The "FW" designation often implies advanced frequency modulation. This allows multiple sensors to be mounted side-by-side without optical cross-talk, as each unit alternates its pulse frequency.
---
### 3. Connection Diagram (Standard NPN Example)
To integrate the sensor into a PLC or controller, the following wiring logic is typically used:
```mermaid
graph LR
A[Brown: +12-24V DC] --- Power
B[Blue: 0V / GND] --- Power
C[Black: Control Output] --- Load/PLC_Input
D[White: External Input/Teach] --- Switch
```
---
### 4. Environmental Resilience
* **EMI/RFI Shielding:** The internal PCB is shielded to prevent malfunctions caused by nearby motors or high-frequency drives.
* **Temperature Compensation:** Integrated thermistors adjust the sensitivity threshold based on ambient temperature shifts to prevent "drift."
- ⤷
What are the differences between the R and Q sub-models?
- ⤷ How do I calibrate the 'Teach' function on this sensor?
- ⤷ What fiber optic cables are compatible with the FUD-FW3 series?