Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FUD-H1-R./Q

  • AI
    The **FUD-H1-R/Q** refers to a specific series of high-performance Ultrasonic Flow Meters, typically used in industrial automation and fluid management. These devices rely on sophisticated electronic components to measure flow velocity without physical contact with the liquid. --- ### 1. Core Electronic Architecture The system is divided into three primary electronic functional blocks: | Component Group | Function | Key Parts | | :--- | :--- | :--- | | **Transducer Interface** | Converts electrical pulses to sound and vice versa. | Piezoelectric elements (PZT), signal conditioners. | | **Main Processing Unit** | Calculates flow based on time-of-flight. | High-speed MCU/DSP (Digital Signal Processor), Precision Timers. | | **Output/Interface** | Communicates data to external PLCs/systems. | RS-485/Modbus, 4-20mA loop drivers, Pulse outputs. | --- ### 2. Key Electronic Parts and Their Roles #### A. Piezoelectric Transducers (PZT) The "Heart" of the device. These ceramic elements vibrate when an AC voltage is applied (Inversely, they create voltage when hit by sound waves). In the **R/Q series**, these are tuned for high stability to ensure accuracy across temperature fluctuations. #### B. Time-to-Digital Converter (TDC) Because ultrasonic waves travel extremely fast, the device uses a specialized **TDC IC**. This chip measures the "Transit Time" (the time it takes for a signal to go from sensor A to sensor B) with picosecond (ps) resolution. #### C. Power Management Circuitry Designed to handle industrial power standards, usually **24V DC**. This section includes: * **Optocouplers:** To isolate the electronic signals from electrical noise (EMI) on the factory floor. * **Voltage Regulators:** To provide stable 3.3V or 5V to the sensitive processor. #### D. Signal Amplification (Op-Amps) The returning ultrasonic echo is often very weak (millivolts). High-gain, low-noise operational amplifiers are used to boost the signal before it is digitized. --- ### 3. Technical Specifications Table | Feature | Specification (Typical for FUD-H1-R/Q) | | :--- | :--- | | **Power Supply** | 12 - 24V DC | | **Communication** | RS-485 (Modbus RTU) / Pulse / 4-20mA | | **Sampling Frequency** | Up to 128 times per second | | **Circuit Protection** | Reverse polarity and surge protection | | **Display Type** | Integrated Backlit LCD (usually 2-line) | --- ### 4. Wiring Diagram Overview The electronics are typically accessed via a terminal block inside the housing: 1. **V+ / V-**: Power Input. 2. **A / B**: RS-485 Communication lines. 3. **OUT+ / OUT-**: Pulse or Analog output for flow rate.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q models in this series?
    • ⤷ How do I calibrate the electronic signal for different pipe materials?
    • ⤷ What are the common failure points in ultrasonic transducer electronics?