FUD-K0-R./Q
AI

Based on your query, it appears you are referring to the **FUD-K0-R** series, which is a specialized **Pressure Sensor** or **Pressure Transmitter** often used in industrial automation, HVAC, or hydraulic systems (frequently associated with brands like *Nidec Copal Electronics* or similar industrial manufacturers).
Below is a breakdown of the electronic components and technical specifications associated with this type of device.
---
### 1. Technical Specifications Table
The electronic profile of the FUD-K0-R typically follows these parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Input Voltage** | 12V to 24V DC | Standard industrial supply range. |
| **Output Signal** | 4-20 mA or 1-5 V | Analog signal for PLC integration. |
| **Pressure Range** | 0 to "K0" Rating | "K0" often denotes a specific range (e.g., 100kPa). |
| **Connection Type** | Cable or M12 | Electronic interface for power and data. |
| **Sensing Element** | Piezoresistive | Silicon-based bridge for high accuracy. |
---
### 2. Key Electronic Components
The internal architecture of the FUD-K0-R consists of several critical layers:
#### A. The Piezoresistive Bridge
The heart of the unit is a micro-machined silicon diaphragm. When pressure is applied, the electrical resistance of the bridge changes. This is the **transducer** stage where physical force becomes an electrical signal.
#### B. Signal Conditioning Circuit (ASIC)
Because the raw signal from the sensor is very weak (millivolts), an internal **Application Specific Integrated Circuit (ASIC)** performs the following:
* **Amplification:** Boosts the signal to 4-20mA or 1-5V.
* **Temperature Compensation:** Corrects for electronic drift caused by heat.
* **Linearization:** Ensures the output is perfectly proportional to the input pressure.
#### C. EMI/RFI Protection
Industrial environments are "noisy" electrically. The FUD-K0-R includes:
* **Decoupling Capacitors:** To filter out high-frequency noise.
* **Reverse Polarity Protection:** A diode circuit to prevent damage if the DC power is wired backwards.
---
### 3. Connection Pinout (Typical)
If the unit uses a standard 3-wire or 2-wire configuration, the electronics are mapped as follows:
```json
{
"Brown": "DC Power (+)",
"Blue": "Common/Ground (-)",
"Black": "Signal Output (Output)"
}
```
---
### 4. Application Context
These electronic parts are designed to interface directly with:
1. **PLCs (Programmable Logic Controllers):** Monitoring system pressure.
2. **Digital Indicators:** For real-time visual feedback.
3. **Variable Frequency Drives (VFDs):** To regulate pump speeds based on pressure.
- ⤷What is the exact pressure range for the K0 suffix in this model?
- ⤷ How do I wire the FUD-K0-R to a 4-20mA current loop?
- ⤷ Is there a digital communication version like RS485 for this series?