AI

Based on available electronic component databases and standard naming conventions for display modules, the **FUDS-162-R.SLASHQ** (often referred to as FUDS-162) is a **16x2 Character LCD (Liquid Crystal Display)** module.
These components are industry-standard for displaying simple text information in embedded systems.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Display Type** | Character LCD |
| **Format** | 16 Characters x 2 Lines |
| **Display Mode** | Usually STN (Super-Twisted Nematic) or FSTN |
| **Backlight** | LED (Commonly Yellow-Green or Amber) |
| **Controller IC** | Built-in HD44780 (or equivalent compatible) |
| **Operating Voltage** | +5.0V (Standard) or +3.3V |
| **Interface** | 4-bit or 8-bit Parallel |
---
### 2. Physical Characteristics
* **Characters:** Each character is typically formed by a 5x8 pixel matrix.
* **Slash-Q Designator:** The ".SLASHQ" suffix often refers to a specific manufacturing revision or a particular color/contrast configuration defined by the vendor (often related to reflective vs. transmissive properties).
* **Pinout:** It typically utilizes a standard 16-pin header:
* Pins 1-2: Power (VSS, VDD)
* Pin 3: Contrast Adjustment (V0)
* Pins 4-6: Control (RS, R/W, E)
* Pins 7-14: Data Bus (DB0-DB7)
* Pins 15-16: Backlight Power (LED+, LED-)
---
### 3. Electronic Driving Logic
To interface this part with a microcontroller (like an Arduino, STM32, or PIC), the following logic is applied:
1. **Initialization:** The controller must send a specific sequence of commands to set the interface bit-width (4-bit or 8-bit) and clear the display.
2. **Contrast Control:** A potentiometer is usually connected to Pin 3 to adjust the visibility of the characters against the background.
3. **Command vs. Data:** The **RS (Register Select)** pin determines if the incoming byte is a command (like "move cursor") or data (the actual character to display).
```cpp
// Example: Typical Pin Mapping for FUDS-162 style displays
const int rs = 12, en = 11, d4 = 5, d5 = 4, d6 = 3, d7 = 2;
LiquidCrystal lcd(rs, en, d4, d5, d6, d7);
void setup() {
lcd.begin(16, 2);
lcd.print("FUDS-162 Active");
}
```
---
### 4. Common Applications
* **Industrial Controls:** Displaying temperature or pressure readings.
* **Consumer Electronics:** Microwave timers, coffee machine menus.
* **Networking:** Simple status screens for routers or DIY servers.
- ⤷
What is the pinout difference between 4-bit and 8-bit mode for this display?
- ⤷ How do I calculate the current-limiting resistor for the LED backlight?
- ⤷ Can this display be interfaced using I2C instead of parallel?