Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FUDS-CC-R./Q

  • AI
    The **FUDS-CC-R/Q** represents a specific series of electronic components, typically associated with **Common Mode Choke Coils** or specialized **Inductors** used in power electronics and signal filtering. Below is an explanation of the technical characteristics, functions, and typical applications for this component series. --- ### 1. Technical Specifications These components are designed to manage electromagnetic interference (EMI) and maintain signal integrity in complex circuits. | Feature | Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Inductor | | **Core Material** | Ferrite or Nanocrystalline (High permeability) | | **Suffix "R"** | Often denotes **RoHS Compliance** (Restriction of Hazardous Substances) | | **Suffix "Q"** | Usually indicates **Automotive Grade** (AEC-Q200 qualified) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole depending on specific package | --- ### 2. Key Electronic Functions The FUDS series performs several critical roles within an electronic assembly: * **Noise Suppression:** It filters out high-frequency noise that is common to two or more lines (common mode noise) while allowing the desired signals to pass. * **Impedance Matching:** Provides high impedance at specific noise frequencies to block interference. * **Thermal Stability:** Designed to operate under high-temperature environments, particularly those units with the "Q" designation (Automotive). * **Current Handling:** Engineered to handle specific DC current ratings without saturating the magnetic core. --- ### 3. Circuit Application In a typical circuit diagram, these parts are placed near power inlets or communication interfaces. ```mermaid graph LR A[Power Source] --> B[FUDS-CC-R/Q Choke] B --> C[Internal Circuitry] D[External Signal] --> B ``` ### 4. Common Use Cases 1. **Automotive Electronics:** Used in Infotainment systems, ADAS sensors, and Battery Management Systems (BMS) where AEC-Q200 reliability is required. 2. **Power Supplies:** Switched-mode power supplies (SMPS) to prevent EMI from leaking back into the power grid. 3. **Data Lines:** High-speed communication interfaces (CAN bus, Ethernet) to ensure clean data transmission in "noisy" environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific current ratings for the FUDS-CC series?
    • ⤷ How does the 'Q' rating affect the operating temperature range?
    • ⤷ Can this component be used for differential mode noise suppression?