FVF-5W0-R/Q
AI

The **FVF-5W0-R/Q** is a specific part number typically associated with **wirewound power resistors**. These components are designed to dissipate heat while maintaining a stable resistance in high-power circuits.
Below is a detailed breakdown of the electronic characteristics and specifications typical for this series.
### 1. Technical Specifications
| Parameter | Specification (Typical) | Notes |
| :--- | :--- | :--- |
| **Component Type** | Fixed Wirewound Resistor | Ceramic core with resistance wire |
| **Power Rating** | 5 Watts (5W) | Maximum power dissipation at $70^\circ\text{C}$ |
| **Tolerance** | $\pm 5\%$ (Standard) | Indicated by 'J' or within series code |
| **Casing Material** | Ceramic/Cement (Flameproof) | Square "Box" or "Stone" style |
| **Mounting Type** | Through-Hole (Radial/Vertical) | Leads exit from one or two sides |
| **Operating Temp** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ | High temperature stability |
---
### 2. Breakdown of the Part Number
While naming conventions can vary slightly by manufacturer (such as RoyalOhm or Futaba), the alphanumeric code generally breaks down as follows:
* **FVF:** Refers to the **Vertical Form Factor**. The resistor stands upright on the PCB to save footprint space and improve airflow.
* **5W:** Represents the **Power Rating**. This part can safely handle up to 5 Watts of energy.
* **0-R/Q:** Refers to the **Resistance Value and Quality/Packaging**.
* The "R" usually indicates the decimal point (e.g., 1R0 = 1.0 $\Omega$).
* The "Q" often refers to a specific lead forming style or bulk packaging code.
---
### 3. Key Electronic Features
* **Flameproof Construction:** The ceramic housing ensures that if the resistor fails due to extreme overload, it will not catch fire.
* **High Pulse Capacity:** Wirewound resistors are superior at handling sudden surges or "inrush currents" compared to film resistors.
* **Low Inductance Options:** Depending on the winding method, some variants are designed to minimize electromagnetic interference (EMI).
* **Heat Dissipation:** The white ceramic body acts as a heat sink, radiating thermal energy away from the resistive element.
---
### 4. Common Applications
Due to its 5W power rating, this part is commonly found in:
1. **Power Supplies:** Used as a bleeder resistor or for current sensing.
2. **Motor Controllers:** Managing start-up currents.
3. **Audio Amplifiers:** Used in output stages to stabilize the signal.
4. **Automotive Electronics:** Handling robust electrical loads.
---
- ⤷
What is the specific resistance value for your FVF-5W0-R/Q unit?
- ⤷ Do you need a footprint diagram for PCB layout design?
- ⤷ Are you looking for a lower-inductance alternative for high-frequency switching?