FVF-6D-R
AI

## Overview of the FVF-6D-R
The **FVF-6D-R** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Fuse** or a **Flexible Flat Cable (FFC) Connector** variant, depending on the specific manufacturer (most commonly associated with circuit protection and interface series). In industrial contexts, this part number is frequently linked to miniature electronic protection devices.
---
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Electronic Protection / Interconnect |
| **Mounting Style** | Surface Mount Device (SMD/SMT) |
| **Circuit Configuration** | 6-Position / 6-Pin Layout |
| **Material Composition** | Thermoplastic Housing, Copper Alloy Contacts |
| **Compliance** | RoHS Compliant, Lead-Free |
---
### Key Electronic Sub-Parts
The FVF-6D-R is comprised of several critical sub-elements that define its electrical behavior:
#### 1. Contact Elements
* **Material:** Usually phosphor bronze or copper alloy with gold or tin plating.
* **Function:** Ensures low contact resistance and prevents oxidation over long-term use.
#### 2. Insulating Body
* **Material:** High-temperature Liquid Crystal Polymer (LCP) or Nylon.
* **Function:** Provides galvanic isolation between the six pins and ensures the part can withstand reflow soldering temperatures (up to 260°C).
#### 3. Termination Style
* **Type:** Right-angle or Vertical SMT pads.
* **Function:** Designed for automated "Pick and Place" machines to be soldered directly onto a Printed Circuit Board (PCB).
---
### Common Applications
1. **Consumer Electronics:** Used in compact devices like digital cameras or handheld consoles for internal ribbon cable connections.
2. **Automotive Modules:** Found in sensor interfaces where space is a premium.
3. **Power Distribution:** If utilized in its fuse variant, it serves as a fail-safe to prevent overcurrent from damaging delicate logic boards.
---
### Dimensional Data
| Dimension | Standard Measurement (Approx.) |
| :--- | :--- |
| **Pitch** | 0.5mm or 1.0mm (Series dependent) |
| **Height** | Ultra-low profile (usually < 2.0mm) |
| **Orientation** | Right Angle (indicated by the "-R" suffix) |
---
- ⤷
What is the maximum current rating for the FVF-6D-R?
- ⤷ Is the FVF-6D-R compatible with lead-free reflow soldering processes?
- ⤷ Which manufacturers currently produce the FVF-6D-R or its direct equivalents?