FVF-Z0-R/Q
AI

The **FVF-Z0-R/Q** series refers to a specific line of **Automotive Low-Voltage Connectors** (specifically within the FVF/MX series) often used in electronic control units (ECUs), infotainment systems, and wiring harnesses. These components are designed to withstand harsh automotive environments.
---
### 1. General Specifications
The parts are categorized by their physical housing, pin count, and environmental sealing capabilities.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Female Connector Housing / Receptacle |
| **Series** | FVF Series (Compact, High-density) |
| **Suffix -R** | Typically indicates **Right-angle** orientation or a specific Retainer style. |
| **Suffix -Q** | Often refers to a specific **Quantity** packaging or a unique **Keying/Coding** variant. |
| **Voltage Class** | Low Voltage (Signal and low-power circuits) |
| **Operating Temp** | -40°C to +125°C (standard automotive grade) |
---
### 2. Key Electronic Features
#### A. Contact Resistance and Conductivity
These connectors utilize high-conductivity copper alloys with tin or gold plating to ensure minimal voltage drop. This is critical for sensor data integrity.
#### B. Terminal Design
The terminals used within the FVF-Z0-R/Q housing are designed for:
* **Wiping Action:** Ensures oxidation is cleared during mating.
* **Multiple Contact Points:** Reduces the risk of signal loss due to vibrations (G-force).
#### C. Locking Mechanisms
* **TPA (Terminal Position Assurance):** A plastic secondary lock that ensures the metal terminal is fully seated.
* **CPA (Connector Position Assurance):** Prevents the connector from vibrating loose from the header.
---
### 3. Application Use Cases
Because of their compact design, these parts are found in:
1. **ADAS Sensors:** Camera and Radar modules.
2. **Dashboard Electronics:** Instrument clusters and HUDs.
3. **Body Control Modules (BCM):** Managing lights, windows, and door locks.
---
### 4. Technical Drawing Reference (General Layout)
```yaml
Connector_Assembly:
Housing_Material: PBT (Polybutylene Terephthalate)
Seal_Type: Non-Sealed (standard) or Matte Seal (waterproof variants)
Pitch: Typically 2.0mm to 2.54mm
Current_Rating: Up to 5A per circuit (depending on wire gauge)
```
---
- ⤷What is the exact pin count for the FVF-Z0-R/Q model?
- ⤷ Is this connector compatible with standard MX34 series terminals?
- ⤷ What are the specific environmental sealing ratings (IP code) for this series?