AI

The **FVS-25W-R** is a high-performance, chassis-mount wirewound resistor designed for power dissipation and stability in demanding electrical environments. These components are typically housed in aluminum enclosures to facilitate heat sinking.
---
### 1. Key Technical Specifications
The part number typically denotes specific characteristics (Power Rating, Series, and Resistance/Tolerance). Below is a breakdown of the standard technical profile for this type of part:
| Parameter | Specification |
|:---|:---|
| **Power Rating** | 25 Watts (with appropriate heat sink) |
| **Technology** | Wirewound (Resistive wire wrapped around a core) |
| **Housing Material** | Aluminum Anodized (for thermal conductivity) |
| **Mounting Style** | Chassis Mount / Bolt-on |
| **Termination** | Solder Lugs / Radial Leads |
| **Tolerance** | Usually ±1%, ±5%, or ±10% (denoted by suffix) |
---
### 2. Internal Construction and Materials
The electronic integrity of the FVS-25W-R relies on its layered construction:
1. **Resistive Element:** A high-grade manganese, copper, or nickel alloy wire is wound around a ceramic or fiberglass core.
2. **Encapsulation:** The internal assembly is molded into an aluminum housing using a high-thermal-conductivity epoxy or silicone compound.
3. **Aluminum Shell:** The finned aluminum body acts as a built-in heat sink, significantly increasing the power-to-size ratio compared to standard axial resistors.
---
### 3. Electronic Behavior and Applications
Because it is a **wirewound** resistor, it has specific electronic behaviors that engineers must account for:
* **Inductance:** Since the resistive element is a coil, it possesses inherent self-inductance. It is generally not suitable for very high-frequency (RF) switching applications unless specified as "Non-Inductive."
* **Temperature Coefficient (TCR):** It offers high stability with low resistance drift even as the temperature fluctuates.
* **Pulse Handling:** Wirewound resistors are excellent at absorbing short-term high-energy surges/pulses compared to thin-film alternatives.
#### Common Applications:
* **Load Simulation:** Used in testing power supplies.
* **Dynamic Braking:** Dissipating energy in small motor control circuits.
* **Voltage Division:** High-power voltage dropping in industrial equipment.
* **Inrush Limiting:** Protecting circuits from initial current spikes.
---
### 4. Installation Requirements
To achieve the rated **25W** power dissipation, the electronic part must be mounted correctly:
* **Heat Sink:** It must be bolted to a metal surface (chassis). Without a heat sink, the power rating may drop by 50% or more.
* **Thermal Paste:** Applying a thin layer of thermal compound between the resistor base and the chassis improves heat transfer.
- ⤷
What is the maximum operating temperature for the FVS-25W-R before derating occurs?
- ⤷ Can this resistor be used in high-frequency AC circuits?
- ⤷ What are the common resistance values available for the 25W series?