FVS-3E-R
AI

The **FVS-3E-R** is an electronic component primarily associated with **Industrial Automation** and **Fluid Control Systems**. Specifically, it is a flow sensor/switch often manufactured by brands like **CKD Corporation** or used in specialized semiconductor processing equipment.
---
### 1. General Specifications
The FVS series generally refers to **Karman Vortex Flow Sensors**. These devices measure the flow rate of liquids (usually DI water or chemicals) by detecting the frequency of vortices created by a "bluff body" placed in the flow path.
| Component Detail | Specification (Typical) |
| :--- | :--- |
| **Model Type** | Karman Vortex Flow Sensor |
| **Primary Material** | PPS (Polyphenylene Sulfide) or Fluororesin |
| **Output Type** | Analog (4-20mA) or Pulse Output |
| **Power Supply** | 12 - 24V DC |
| **Accuracy** | ±2% to ±3% Full Scale |
| **Connection Size** | R3/8 or similar threaded interface |
---
### 2. Key Electronic Parts & Functionality
The FVS-3E-R consists of several critical electronic sub-assemblies that allow it to convert physical motion into an electrical signal:
#### A. Piezoelectric Sensing Element
* **Role:** This is the heart of the sensor. As liquid flows past a pillar (bluff body), it creates alternating vortices.
* **Function:** The piezoelectric element detects the mechanical stress caused by these vortices and converts it into a low-level electrical frequency.
#### B. Signal Processing Circuitry (IC)
* **Amplifier:** Since the signal from the piezo element is weak, an internal amplifier boosts the signal.
* **Comparator/Converter:** It converts the raw frequency into a stable square wave pulse or a linearized 4-20mA current loop.
* **Noise Filtering:** Includes capacitors and resistors to filter out mechanical vibration noise from the industrial environment.
#### C. Output Interface
* **NPN/PNP Transistor:** Usually features an open-collector output to interface with a PLC (Programmable Logic Controller).
* **Reverse Polarity Protection:** Diodes are integrated into the power input stage to prevent damage if the wiring is accidentally reversed.
---
### 3. Wiring Configuration
The "R" suffix often denotes specific connector types or cable orientations. Standard wiring typically follows this logic:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | VCC (+) | 12V to 24V DC Power Supply |
| **Blue** | GND (-) | 0V / Common |
| **Black** | OUT | Pulse or Analog Signal Output |
---
### 4. Application Context
* **Cooling Systems:** Monitoring the flow of cooling water to high-power electronics or lasers.
* **Chemical Delivery:** Precise measurement of chemical flows in semiconductor manufacturing.
* **Safety Interlocks:** Acting as a "Flow/No Flow" switch to trigger emergency shutdowns if coolant stops moving.
- ⤷
How do I calibrate the analog output of the FVS-3E-R?
- ⤷ What is the maximum pressure rating for this specific flow sensor?
- ⤷ Can this sensor be used with corrosive chemicals like hydrofluoric acid?