AI

The **FVS-4B-R** is a specialized high-performance video splitter (specifically part of the **SmartAVI** product line) designed for professional-grade VGA signal distribution. Below is a breakdown of its electronic components, technical specifications, and internal logic.
---
### 1. Core Component Breakdown
The device is built to handle high-bandwidth analog signals while maintaining signal integrity across multiple outputs.
| Component Category | Description |
| :--- | :--- |
| **Input Interface** | 1x HD15 (VGA) Female connector with signal sensing. |
| **Output Interface** | 4x HD15 (VGA) Female connectors for multi-display distribution. |
| **Signal Amplification** | Active operational amplifiers (Op-Amps) to prevent signal loss/ghosting. |
| **Bandwidth Management** | Integrated circuits (ICs) supporting up to 400 MHz bandwidth. |
| **Power Regulation** | DC power input (usually 5V-9V) regulated internally to stabilize the video signal. |
---
### 2. Key Electronic Specifications
The electronics are engineered to support "Daisy Chaining," meaning the circuitry is designed to allow multiple units to be linked without significant degradation.
* **Bandwidth:** 400 MHz (Supports high resolutions like 1920x1200 or 2048x1536).
* **Signal Type:** VGA, SVGA, XVGA, Multi-Sync.
* **Impedance:** 75 Ohms (standard video impedance).
* **Transmission Distance:** Capable of driving signals up to 200 feet (approx. 60 meters) depending on cable quality.
---
### 3. Internal Logic & Circuitry
The FVS-4B-R is an **Active Splitter**, which distinguishes it from a simple "Y-cable."
1. **Buffer Circuitry:** The input signal is isolated by a buffer. This prevents a malfunction on one monitor from affecting the source or other connected monitors.
2. **Signal Boosting:** Because VGA is an analog signal, splitting it causes a drop in voltage (brightness). The FVS-4B-R uses an internal amplifier circuit to restore the voltage to 0.7V peak-to-peak.
3. **DDC Support:** The first port usually includes DDC (Display Data Channel) pass-through, allowing the computer to "read" the EDID (Extended Display Identification Data) of the monitor to auto-configure resolution.
---
### 4. Technical Summary Table
| Feature | Specification |
| :--- | :--- |
| **Video Type** | RGBHV, RGBS, RGsB |
| **Resolution** | Up to 1920 x 1440 @ 60Hz |
| **I/O Impedance** | RGB: 75 Ohms |
| **Power Supply** | External (PS5VDC1A usually) |
| **Enclosure** | Shielded Metal (for EMI/RFI reduction) |
- ⤷
Does the FVS-4B-R support digital signals like HDMI through adapters?
- ⤷ What is the maximum number of units that can be daisy-chained?
- ⤷ How does the 400 MHz bandwidth impact image quality compared to lower-rated splitters?