FVS-5W0-R
AI

The **FVS-5W0-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Resistor** or a **Current Sense Resistor**. It is designed to handle high-wattage loads while maintaining a small footprint on a printed circuit board (PCB).
Below is a detailed breakdown of its specifications and characteristics.
### 1. Technical Specifications
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Resistor | Power / Current Sensing |
| **Power Rating** | 5 Watts | Capable of dissipating 5W of heat |
| **Resistance Value** | Variable (Part of Series) | Typically low ohmic values for sensing |
| **Mounting Type** | SMD / SMT | Surface Mount Technology |
| **Termination Style** | J-Lead or Flat Pad | Depends on specific package revision |
| **RoHS Status** | Compliant | Lead-free and environmentally friendly |
---
### 2. Key Internal Components
The FVS-5W0-R is constructed using materials that prioritize heat dissipation and stability:
* **Resistive Element:** Usually a metal alloy or thick film material chosen for low temperature coefficient of resistance (TCR). This ensures the resistance doesn't change significantly as the part heats up.
* **Substrate:** A ceramic base (often Alumina) that provides high thermal conductivity and electrical insulation.
* **Encapsulation:** A flame-retardant molding compound or silicone coating that protects the resistive element from moisture and mechanical shock.
* **Terminals:** Tin-plated copper or alloy terminals designed for high-quality solder joints that can withstand thermal cycling.
---
### 3. Application Use Cases
This part is commonly found in power electronics where monitoring or limiting current is necessary:
1. **Motor Controllers:** Measuring the current flowing through a motor to prevent stalls or over-current conditions.
2. **Power Supplies (PSU):** Used in the feedback loop of DC-DC converters to regulate output voltage.
3. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in lithium-ion battery packs.
4. **Automotive Electronics:** Handling the rugged environment of engine control units or lighting systems.
### 4. Comparison Table: FVS Series vs. Standard Resistors
| Feature | Standard Resistor (0805) | FVS-5W0-R |
| :--- | :--- | :--- |
| **Max Power** | 0.125W - 0.25W | 5.0W |
| **Size** | Small (2.0 x 1.2 mm) | Large (Power Package) |
| **Heat Management** | Passive Air | Thermal Pad / Heat Sink required |
| **Precision** | General Purpose | High Precision Sensing |
---
### 5. Implementation Example (Python Code Snippet)
If you are calculating the voltage drop across this resistor in a firmware environment for current sensing:
```python
def calculate_current(v_drop, resistance_ohms):
"""
Calculates current using Ohm's Law: I = V / R
For FVS-5W0-R used as a shunt resistor.
"""
if resistance_ohms <= 0:
return 0
current = v_drop / resistance_ohms
return current
# Example: 0.05V measured across a 0.01 ohm FVS resistor
print(f"Current detected: {calculate_current(0.05, 0.01)} Amps")
```
- ⤷What is the typical resistance range for the FVS series?
- ⤷ How should the PCB thermal landing be designed for a 5W resistor?
- ⤷ What are the common alternatives to the FVS-5W0-R for high-current applications?