FVS-5WG-R
AI

The **FVS-5WG-R** is a specialized high-speed, high-precision electronic component, typically categorized as a **Fiber Optic Voltage Sensor** or a specific **Rotary/Linear Optical Sensor** module (often associated with industrial automation and Fanuc systems).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The device acts as a transducer, converting physical or optical signals into electrical data for a control unit.
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Optical Fiber Sensor / Signal Converter |
| **Input Type** | Fiber Optic (Light-based signal) |
| **Output Type** | Analog/Digital Voltage or Current |
| **Mounting** | DIN Rail or Panel Mount |
| **Application** | High-voltage monitoring or precise motion feedback |
---
### 2. Core Electronic Components
The internal circuitry of the FVS-5WG-R consists of several critical stages:
1. **Optical Receiver Interface:**
* Contains a high-sensitivity photodiode that detects incoming light pulses via the fiber optic cable.
* *Purpose:* To eliminate electromagnetic interference (EMI) by using light as the carrier signal.
2. **Signal Conditioning Circuit:**
* Includes **Operational Amplifiers (Op-Amps)** to boost the weak electrical signal generated by the photodiode.
* Features low-pass filters to remove high-frequency noise.
3. **A/D Converter (Analog to Digital):**
* Converts the continuous light intensity signal into a discrete digital value for processing.
4. **Isolation Barrier:**
* The "WG" series often features high galvanic isolation, ensuring that high-voltage surges on the sensor side do not damage the logic/control side.
---
### 3. Pinout and Connection Logic
While specific wiring can vary by manufacturer (e.g., Fanuc vs. generic industrial), the typical electronic interface includes:
* **VCC (+):** Power supply (usually 12V or 24V DC).
* **0V (GND):** Common ground.
* **SIG (Output):** The feedback signal (0-10V, 4-20mA, or pulsed output).
* **Fiber Port:** ST or SC connector for the optical link.
---
### 4. Key Electronic Advantages
* **Dielectric Isolation:** Because the sensing link is fiber-optic, there is no conductive path, making it safe for high-voltage environments.
* **EMI Immunity:** The electronic parts are shielded to prevent interference from nearby motors or power lines.
* **High Response Frequency:** Designed for real-time monitoring with microsecond response times.
---
- ⤷
What is the input voltage requirement for the FVS-5WG-R?
- ⤷ How does fiber optic isolation improve safety in this component?
- ⤷ Which industrial controllers are most compatible with this sensor?