FVS-65W-R
AI

The **FVS-65W-R** is a high-performance, single-output switching power supply, typically used in industrial automation, telecommunications, and networking equipment. It is designed to convert AC line voltage into a stable DC output.
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the FVS-65W-R:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85 ~ 264V AC (Universal Input) |
| **Output Power** | 65 Watts |
| **Cooling Method** | Natural Convection (No fan required) |
| **Protection Circuits** | Overload, Overvoltage, Short Circuit |
| **Mounting Type** | Chassis Mount / DIN Rail compatible |
| **Efficiency** | Typically 85% - 88% |
---
### 2. Internal Electronic Architecture
The device utilizes a **Switch-Mode Power Supply (SMPS)** topology. Below are the core electronic sections:
#### A. Input Filtering and Rectification
* **EMI Filter:** Contains X/Y capacitors and common-mode chokes to suppress electromagnetic interference.
* **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage.
* **Bulk Capacitor:** Large electrolytic capacitor that smooths the DC ripple.
#### B. Power Conversion (The "Switching" Stage)
* **PWM Controller IC:** The "brain" of the unit that modulates the pulse width to maintain a constant output voltage regardless of load changes.
* **MOSFET/Transistor:** Acts as a high-speed switch, chopping the DC voltage into high-frequency pulses (usually 50kHz–100kHz).
* **Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side while stepping down the voltage.
#### C. Output Rectification and Feedback
* **Schottky Diodes:** Used on the output side for high-speed rectification with low voltage drop.
* **LC Filter:** Inductors and low-ESR capacitors that remove high-frequency noise from the DC output.
* **Optocoupler:** Provides a feedback loop to the PWM controller. It allows the secondary side to communicate with the primary side while maintaining electrical isolation.
---
### 3. Protection and Safety Components
The FVS-65W-R includes several hardware-level safeguards:
1. **Fuse:** Protects against catastrophic internal component failure.
2. **Varistor (MOV):** Protects the circuit from high-voltage transients (surges) from the AC line.
3. **Hiccup Mode:** In the event of a short circuit, the unit shuts down and periodically attempts to restart until the fault is removed.
---
- ⤷
What is the specific output voltage (V DC) for the FVS-65W-R model?
- ⤷ How does 'Hiccup Mode' differ from a standard thermal shutdown?
- ⤷ What are the recommended operating temperature ranges for this power supply?