FVS-6B-R
AI

The **FVS-6B-R** is a specific electronic component typically categorized as a **Vibration Sensor** (often referred to as a "Seismic Sensor") manufactured by companies like MoriSawa or similar specialized electronic component firms. It is designed to detect mechanical vibrations or tilts and convert them into electrical signals.
---
### 1. Key Technical Specifications
The FVS-6B-R is characterized by its sensitivity and its mechanical-to-electrical switching behavior.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Vibration / Motion / Tilt Sensor |
| **Contact Type** | Normally Open (NO) or Normally Closed (NC) depending on orientation |
| **Max Voltage** | Typically 12V - 24V DC |
| **Current Rating** | Low current (Signal level), usually < 20mA |
| **Mounting Style** | Through-hole (PCB Mount) |
| **Operating Temp** | -10°C to +60°C |
---
### 2. Internal Mechanism
The "B" in the series often refers to the internal ball-contact mechanism.
* **Conductive Ball:** Inside the housing is a small, conductive metal ball.
* **Circuit Completion:** When the device is stationary and level, the ball rests on two contacts, completing (or breaking) a circuit.
* **Vibration Trigger:** When a vibration or shock occurs, the ball moves or bounces, momentarily interrupting the electrical connection.
* **Output:** This creates a "pulse" or a change in state that a microcontroller (like an Arduino or PLC) can interpret as a trigger event.
---
### 3. Common Applications
Because of its durability and simplicity, the FVS-6B-R is used in several safety and security fields:
1. **Anti-Theft Devices:** Detecting if a vehicle or a piece of high-value equipment is being moved or tampered with.
2. **Safety Shut-off:** Used in space heaters or appliances to shut off power if the device tips over (Tilt sensing).
3. **Security Alarms:** Detecting forced entry through windows or vibrations on a fence.
4. **Wake-up Circuits:** Used to "wake up" a battery-powered device from sleep mode when it is picked up or moved.
---
### 4. Integration Example (Pseudo-code)
To use this in a digital circuit, you would typically treat it as a momentary switch with a pull-up resistor.
```cpp
const int sensorPin = 2; // Pin connected to FVS-6B-R
void setup() {
pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up
Serial.begin(9600);
}
void loop() {
int sensorState = digitalRead(sensorPin);
if (sensorState == HIGH) {
Serial.println("Vibration Detected!");
// Trigger alarm or action here
}
}
```
---
- ⤷
How does the sensitivity of the FVS-6B-R compare to digital accelerometers?
- ⤷ What are the wiring differences between the 'R' suffix and standard models?
- ⤷ Can this sensor be used for continuous seismic monitoring?