FVS-B5W-R
AI

The **FVS-B5W-R** is a specific electronic component typically categorized as a **Vibration Sensor** or **Piezoelectric Transducer**, often used in industrial automation, security systems, or appliance monitoring.
Below is a detailed breakdown of its technical aspects and electronic characteristics.
---
### 1. General Specifications
The device operates on the principle of detecting mechanical vibrations and converting them into electrical signals.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Vibration Sensor / Piezoelectric Transducer |
| **Mounting Type** | Through-hole or Lead wire (depending on specific sub-variant) |
| **Output Type** | Analog (Voltage proportional to vibration) |
| **Housing Material** | Plastic or metallic casing for environmental protection |
---
### 2. Key Electronic Characteristics
The "B5W" nomenclature often refers to the sensitivity range and physical dimensions.
* **Piezoelectric Element:** The core of the FVS-B5W-R is a piezoelectric ceramic disc. When physical stress (vibration) is applied, the crystal structure deforms and generates a small electric charge.
* **Resonant Frequency:** This part is tuned to a specific frequency range (typically in the low kHz range) to maximize sensitivity to mechanical movement while ignoring high-frequency acoustic noise.
* **Operating Voltage:** As a passive transducer, it often does not require an external power supply to generate a signal, though it requires an **Op-Amp (Operational Amplifier)** circuit to interface with a microcontroller.
---
### 3. Connection and Pinout
The suffix **"-R"** usually denotes compliance with specific environmental standards (like RoHS) or a specific lead orientation.
* **Positive (+) Lead:** Usually the red wire or the center pin; carries the signal generated by the vibration.
* **Negative (-) Lead:** Usually the black wire or outer casing connection; connected to the circuit ground (GND).
---
### 4. Typical Application Circuit
Because the output signal is very weak and has high impedance, the following circuit stages are usually required:
1. **Charge Amplifier:** Converts the high-impedance charge from the piezo into a usable voltage.
2. **Low Pass Filter:** Removes high-frequency electrical noise.
3. **Comparator/ADC:** Used to trigger a digital "High" signal when a vibration threshold is exceeded or to measure the intensity via an Analog-to-Digital Converter.
---
### 5. Common Use Cases
* **Security Systems:** Detecting glass breakage or tampering with enclosures.
* **Industrial Maintenance:** Monitoring motor vibrations to predict bearing failure.
* **Consumer Electronics:** "Knock" sensors or wake-up triggers for low-power devices.
- ⤷
What is the exact sensitivity rating (mV/g) for this sensor?
- ⤷ Can this sensor be used directly with an Arduino or Raspberry Pi?
- ⤷ What are the recommended amplification circuits for the FVS series?