Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FVS-C6-R

  • AI
    The **FVS-C6-R** is a specialized electronic component, primarily recognized as a **high-precision current sensor** or a specific high-voltage contactor/switch assembly depending on the industrial manufacturer (often associated with automotive or power electronics systems). Below is a breakdown of its electronic characteristics and functional architecture. --- ### 1. Key Technical Specifications The "C6" series typically denotes a specific current rating or frame size, while the "R" often signifies a "Resistor" integrated feedback or a "Right-angle" mounting configuration. | Feature | Description | | :--- | :--- | | **Component Type** | Hall Effect Current Sensor / Power Contactor | | **Rated Current** | Typically 600A (Model dependent) | | **Operating Voltage** | Low voltage control (12V/24V) with high voltage load capability | | **Output Signal** | Analog voltage or PWM (Linear response to current) | | **Response Time** | < 3μs (High-speed monitoring) | | **Accuracy** | ±0.5% to ±1.0% at room temperature | --- ### 2. Internal Electronic Parts The FVS-C6-R is an integrated assembly consisting of several critical electronic sub-parts: #### A. Sensing Element (Hall Effect IC) The heart of the device is a **Hall Effect Integrated Circuit**. It detects the magnetic field generated by the current flowing through the primary conductor and converts it into a proportional electrical voltage. #### B. Signal Conditioning Circuitry Because the raw output of a Hall sensor is very weak, the internal PCB contains: * **Operational Amplifiers (Op-Amps):** Used for signal gain and buffering. * **Filtering Capacitors:** To reduce electromagnetic interference (EMI) and noise in the signal path. * **Temperature Compensation Circuit:** Ensures the sensor remains accurate even as the engine or inverter heat up. #### C. Magnetic Core A high-permeability toroidal or rectangular core surrounds the conductor. This directs the magnetic flux toward the Hall IC to maximize sensitivity and minimize external magnetic interference. #### D. Termination & Housing * **Connector Pins:** Gold or tin-plated for reliable signal transmission to the ECU (Engine Control Unit). * **PBT/PA66 Housing:** High-temperature plastic that provides galvanic isolation between the high-power side and the low-power electronics. --- ### 3. Connection Pinout (Generic) Most FVS series sensors utilize a 3 or 4-pin interface: 1. **Vcc:** Positive power supply (typically +5V or +12V). 2. **GND:** Reference ground. 3. **V-Out:** The analog signal output (usually centered at 2.5V for zero current). 4. **Ref (Optional):** Reference voltage output for differential measurement. --- ### 4. Applications The FVS-C6-R is commonly found in: * **EV/HEV Battery Management Systems (BMS):** Monitoring state-of-charge (SoC). * **Inverter Drives:** Measuring phase current to control electric motors. * **DC/DC Converters:** Protecting against overcurrent scenarios. ---
    ✨ Follow-up Questions
    • ⤷What is the precise pinout diagram for the FVS-C6-R?
    • ⤷ How does the 'R' suffix specifically affect the mounting or electrical rating?
    • ⤷ What are the common failure modes for this type of current sensor?