FVS-C6-R/
AI

The **FVS-C6-R** is an industrial-grade **Vision Sensor** developed by **Keyence** as part of their FVS Series. It is primarily used for high-speed inspection, color differentiation, and pattern matching in automation environments.
---
### 1. Core Electronic Components & Specifications
The electronic architecture of the FVS-C6-R is centered around high-speed CMOS imaging and digital signal processing.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Sensor Type** | CMOS Color Image Sensor | Captures high-resolution color data for analysis. |
| **Light Source** | Red LED (Ring) | Built-in illumination to ensure consistent contrast. |
| **Output Type** | NPN / PNP (Switchable) | Interfaces with PLCs for Pass/Fail signals. |
| **Connection** | M12 Connector | Standard industrial ruggedized connectivity. |
| **Response Time** | ~1 ms to 50 ms | Dependent on the complexity of the inspection task. |
---
### 2. Functional Electronic Sections
#### A. Imaging & Optical Interface
The "R" in the model name typically signifies a specific focal length or specialized red lighting integrated into the unit. The CMOS sensor converts photons into digital signals, which are then processed by the internal ASIC (Application-Specific Integrated Circuit).
#### B. Digital I/O (Input/Output)
The unit features several discrete electronic pins:
* **Control Input:** Used for external triggers (e.g., a photoelectric sensor telling the camera when to fire).
* **Control Output:** Used to signal an "OK" or "NG" (No Good) result to the production line.
* **Bank Switching:** Allows the electronics to switch between different pre-stored inspection programs.
#### C. Power Management
The device typically operates on **24V DC**. Internally, it contains voltage regulators to step down the power for the sensitive CMOS sensor and the logic board, as well as current drivers for the high-intensity LEDs.
---
### 3. Wiring and Pin Configuration
Standard wiring for the FVS series follows this general electronic logic:
```markdown
1. Brown : +24V DC
2. White : External Trigger (Input)
3. Blue : 0V (GND)
4. Black : Control Output (Judge/Result)
5. Gray : Tuning / Bank Switch
```
---
### 4. Application Logic
The internal electronics are designed to handle:
1. **Color Area Detection:** Calculating the number of pixels matching a target color.
2. **Edge Detection:** Identifying the boundaries of a part.
3. **Pattern Matching:** Comparing the live electronic image against a stored "Golden Image."
- ⤷
What are the specific mounting requirements for the FVS-C6-R?
- ⤷ How do I configure the NPN/PNP output settings?
- ⤷ What is the maximum sensing distance for this model?