FVS-D1-R
AI

The **FVS-D1-R** is a specific electronic component, typically categorized as a **Digital Flow Sensor** or a **Flow Switch**, often manufactured by companies like **Koganei** or similar industrial automation brands. It is designed to monitor and measure the flow rate of gases (usually compressed air or nitrogen) in automated systems.
---
## 1. Technical Specifications
The "R" suffix usually denotes a specific output type or a mounting configuration (typically a PNP/NPN switch output or a specific pressure range).
| Feature | Description |
| :--- | :--- |
| **Model Type** | Digital Flow Sensor (FVS Series) |
| **Input Voltage** | 12 to 24V DC (±10%) |
| **Fluid Compatibility** | Air, Nitrogen (non-corrosive gases) |
| **Output Type** | Dual Switch Output (NPN or PNP) + Analog Voltage (1-5V) |
| **Display** | 3-digit, 7-segment LED (usually Red/Green) |
| **Protection Class** | IP40 (Commonly) |
---
## 2. Key Electronic Components & Functions
### A. Sensing Element (MEMS Thermal Bridge)
The core of the FVS-D1-R is a **Micro-Electro-Mechanical System (MEMS)** sensor. It works on the thermal principle:
* A heating element is placed between two temperature sensors.
* As gas flows, it carries heat from the upstream sensor to the downstream sensor.
* The temperature difference is converted into an electrical signal proportional to the mass flow rate.
### B. Signal Conditioning Circuitry
The raw analog signal from the MEMS sensor is very weak. The internal electronics include:
* **Operational Amplifiers (Op-Amps):** To amplify the sensor signal.
* **A/D Converter:** Converts the analog voltage into digital data for the microprocessor.
* **Microcontroller (MCU):** Processes the data, applies calibration curves, and manages the LED display.
### C. Output Electronics
* **Switching Transistors:** Used for the digital outputs. When the flow reaches a set threshold (Set Point), the transistor closes the circuit to trigger a PLC (Programmable Logic Controller).
* **Analog Buffer:** Provides a steady 1-5V or 4-20mA signal to external data loggers for continuous monitoring.
---
## 3. Wiring Configuration
Typical wiring for the FVS-D1-R (Standard M8 or Lead wire):
| Wire Color | Function |
| :--- | :--- |
| **Brown** | DC (+) 12-24V |
| **Blue** | DC (-) 0V / Ground |
| **Black** | Control Output 1 (Digital) |
| **White** | Control Output 2 or Analog Output |
---
## 4. Operational Modes
1. **Hysteresis Mode:** Prevents "chattering" of the output when the flow rate fluctuates slightly around the set point.
2. **Window Comparator Mode:** Keeps the output active only when the flow is within a specific minimum and maximum range.
3. **Accumulated Flow:** Some versions allow the electronics to calculate the total volume of gas passed over time.
- ⤷
What is the maximum flow rate capacity for the FVS-D1-R model?
- ⤷ How do you calibrate the zero-point on this digital flow sensor?
- ⤷ What are the primary differences between the NPN and PNP output versions for this device?