AI

The **FVS-DC-R/K** series typically refers to specialized high-voltage DC protection components, most commonly used in solar (photovoltaic) systems, energy storage, and industrial DC power distributions. These units are specifically **Surge Protective Devices (SPDs)** designed to shield electronic equipment from transient overvoltages.
---
### 1. Key Technical Specifications
The "R" and "K" designations often refer to specific features like **Remote Signaling (R)** and **Replaceable Cartridges (K)**.
| Feature | Specification Details |
| :--- | :--- |
| **Voltage Range ($U_c$)** | Typically 600V DC, 1000V DC, or 1500V DC |
| **Nominal Discharge Current ($I_n$)** | Usually 20kA per pole |
| **Max Discharge Current ($I_{max}$)** | Usually 40kA per pole |
| **Protection Level ($U_p$)** | $\leq$ 2.5kV to 4.0kV (depending on model) |
| **Response Time ($t_A$)** | < 25 nanoseconds |
| **Operating Temperature** | -40°C to +80°C |
---
### 2. Internal Electronic Architecture
The FVS-DC-R/K utilizes several critical electronic technologies to ensure safety:
* **MOV (Metal Oxide Varistors):** The primary heart of the device. These are non-linear resistors that have high resistance at normal voltages but drop to very low resistance during a surge, shunting the energy to the ground.
* **Thermal Disconnector:** An internal safety mechanism. If the MOV overheats due to repeated surges or end-of-life leakage, a spring-loaded thermal switch disconnects the component to prevent fire.
* **Visual Indicators:** A mechanical flag (usually Green/Red) that indicates the health of the internal varistor.
* **Remote Signaling Contact (R):** A floating change-over contact (3-pin terminal) that allows an external PLC or monitoring system to detect if the surge protector has tripped or failed.
---
### 3. Design Variations (R/K)
#### **The "K" Designation (Module-based)**
The "K" usually signifies a **pluggable design**. The base is hard-wired to the DIN rail, but the electronic modules (the cartridges containing the MOVs) can be pulled out and replaced without disconnecting the wiring.
#### **The "R" Designation (Remote Monitoring)**
The "R" indicates the inclusion of a micro-switch.
```json
{
"remote_contact": "Form C (SPDT)",
"contact_rating": "AC: 250V/0.5A; DC: 30V/2A"
}
```
---
### 4. Circuit Diagram Logic
The device is typically wired in a "Y" configuration for DC systems to provide protection between Positive to Ground, Negative to Ground, and Positive to Negative.
```text
[ + DC ] ---- [ MOV 1 ] ----+---- [ MOV 2 ] ---- [ - DC ]
|
[ Ground ]
```
---
- ⤷What is the difference between Type 1 and Type 2 DC surge protectors?
- ⤷ How do you wire the remote signaling contact (R) to a PLC?
- ⤷ Can these units be used in 1500V utility-scale solar arrays?