FVS-E6-R
AI

The **FVS-E6-R** is a specialized electronic component typically used in automated production environments, specifically within the **Keyence FVS Series** of vision-guided robotic systems. It acts as an **Expansion Interface Unit** (or "Remote Terminal") designed to bridge vision sensors with robotic controllers or PLCs.
Below is an explanation of its electronic architecture and specifications.
---
### 1. Technical Specifications
The FVS-E6-R is engineered for high-speed data transmission and low-latency feedback.
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Vision Guided Robotics (VGR) Expansion Unit |
| **Input Voltage** | 24 VDC ±10% |
| **Current Consumption** | Approx. 100 mA or less |
| **Response Time** | Max 1.0 ms (Input to Output) |
| **Interface** | RS-232C / Ethernet (via main unit) |
| **Mounting** | DIN-rail mountable |
---
### 2. Key Electronic Components & Functions
#### A. Communication Controller
The core of the FVS-E6-R contains a dedicated processor that handles the translation of visual coordinates from the camera system into robotic motion commands. It supports several industrial protocols to ensure compatibility with brands like Fanuc, Yaskawa, or ABB.
#### B. Isolated I/O Terminals
To prevent electrical noise from the factory floor from damaging the sensitive vision processor, the E6-R uses **Optocouplers (Optical Isolators)**.
* **Protection:** It isolates the 24V field power from the internal logic circuits.
* **Signaling:** Manages "Trigger," "Error," and "Busy" status signals between the camera and the robot.
#### C. LED Status Indicators
The front panel contains diagnostic LEDs that are vital for troubleshooting electronic failures:
* **PWR:** Indicates the internal DC-DC converter is functioning.
* **RUN:** Indicates the logic controller is active.
* **ERR:** Lights up if there is a communication timeout or internal hardware fault.
---
### 3. Wiring and Connectivity
The electronic interface of the FVS-E6-R typically follows this logic:
```yaml
Pin Configuration (General):
- Pin 1: +24V Power Supply
- Pin 2: 0V (Ground)
- Pin 3: External Trigger Input (NPN/PNP)
- Pin 4: Ready Output
- Pin 5: Busy Output
- Pin 6: Error/Alarm Output
```
### 4. Application Logic
The FVS-E6-R acts as a "slave" device to a main Vision Controller. It receives processed image data, converts it into a digital coordinate string, and pushes that data through the R-series bus to the robot's motion card. This allows for **Real-time Picking**, where the robot adjusts its path based on the camera's electronic feedback.
---
- ⤷What are the primary differences between the R-series and the standard FVS units?
- ⤷ How do you troubleshoot a 'Communication Error' on the FVS-E6-R?
- ⤷ Which specific robot controllers are compatible with this expansion unit?