FVS-FW5-R
AI

The **FVS-FW5-R** is a specialized high-speed interface cable and adapter solution primarily used in industrial automation, specifically within the **Omron Vision Sensor (FVS)** ecosystems. It is designed to facilitate robust communication between camera units and processing units using the FireWire (IEEE 1394) standard.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | IEEE 1394 (FireWire) |
| **Connection Speed** | Up to 400 Mbps |
| **Housing Material** | Industrial-grade PVC / Reinforced Shielding |
| **Connector A** | Standard FireWire (6-pin or 9-pin depending on sub-model) |
| **Connector B** | Specialized Right-Angle / L-Shape Connector |
| **Application** | Omron FZ/FJ series vision systems |
---
### 2. Electronic Characteristics
#### High-Speed Data Transmission
The FVS-FW5-R is engineered to handle large volumes of uncompressed image data. Because vision sensors require real-time processing, the internal wiring uses **twisted-pair technology** to minimize crosstalk and signal degradation over the length of the cable.
#### Shielding and EMC Compliance
To operate in factory environments near high-voltage motors or actuators, the cable features:
* **Dual Shielding:** Braided wire and foil layers to protect against Electromagnetic Interference (EMI).
* **Ferrite Cores:** Often equipped with ferrite beads to suppress high-frequency noise in the circuit.
#### Power Delivery
The "FW" (FireWire) standard allows for power-over-cable. The FVS-FW5-R typically carries the necessary DC voltage to power the camera head directly from the controller, eliminating the need for a separate local power supply at the camera mounting point.
---
### 3. Physical & Mechanical Design
* **The "R" Suffix:** The "R" in the part number usually denotes a **Right-Angle** connector or a **Robot-Cable** (High-Flex) specification.
* If it is a **Right-Angle** model, it is designed for tight spaces where a straight cable would interfere with the machine frame.
* If it is the **Robot-Cable** variant, the internal copper strands are much finer, allowing the cable to withstand millions of bending cycles in a robotic arm application without internal wire breakage.
* **Vibration Resistance:** The connectors often feature screw-locking mechanisms to prevent accidental disconnection due to industrial vibrations.
---
### 4. Integration Context
The FVS-FW5-R acts as the bridge between the **Vision Sensor Head** (which captures the light) and the **Vision Controller** (which performs the algorithmic analysis). Without the specific impedance matching provided by this cable, the system may experience "Frame Dropping" or "CRC Errors" in the data stream.
- ⤷
What is the maximum cable length supported by the FVS-FW5-R without signal loss?
- ⤷ How does the 'Robot-Cable' version differ in price and durability from the standard version?
- ⤷ Can this cable be used with non-Omron FireWire cameras?