FVS-HC-R/Q
AI

The **FVS-HC-R/Q** series typically refers to specialized high-current, high-voltage film capacitors (often categorized as power electronics capacitors) used in induction heating, medical equipment, and resonant tank circuits.
Below is a breakdown of the electronic specifications and characteristics of these components.
---
### 1. Key Technical Specifications
The "R/Q" suffix usually denotes specific cooling or mounting configurations (e.g., Water-cooled vs. Air-cooled or specific terminal types).
| Feature | Specification Details |
| :--- | :--- |
| **Dielectric Material** | Polypropylene Film (Low loss) |
| **Voltage Range** | Typically 500V to 1200V AC (Peak voltages vary) |
| **Current Rating** | High RMS current capability (up to several hundred Amps) |
| **Frequency Range** | High frequency optimization (10 kHz to 100+ kHz) |
| **Reactive Power** | High KVAR ratings (e.g., 200 - 600 KVAR) |
| **Tolerance** | Generally ±5% or ±10% |
---
### 2. Internal Construction
These parts are designed to handle extreme thermal stress caused by high-frequency switching.
* **Segmented Metallization:** The internal film is often segmented to provide "self-healing" properties. If a localized breakdown occurs, that specific segment is isolated, preventing a catastrophic short circuit.
* **Low Inductance Design:** The internal busbars and windings are arranged to minimize ESL (Equivalent Series Inductance), which is critical for high-speed resonant circuits.
* **Thermal Management:**
* **R-type:** Often refers to specific ruggedized or resonant designs.
* **Q-type:** Often associated with high-quality factor (Q) or specific conduction-cooled mounting plates.
---
### 3. Application Use-Cases
The FVS-HC series is rarely used in standard consumer electronics; it is found in industrial power conversion systems:
1. **Induction Heating:** Used in the resonant tank circuit to oscillate with the induction coil.
2. **Resonant Converters:** Acting as the "C" in LLC or LCC power supply topologies.
3. **Wireless Charging (EV):** High-power wireless power transfer systems for electric vehicles.
4. **Medical Imaging:** High-voltage pulse generation in MRI or X-ray power supplies.
---
### 4. Mounting and Connectivity
Because of the high current flow, these parts do not use standard pins.
```text
Terminal Types:
- M6 or M8 threaded holes (to prevent contact resistance)
- Copper busbar plates (for maximum surface area contact)
- Water-cooling integration (specific models feature hollow terminals)
```
---
- ⤷
What is the specific difference between the R and Q suffixes in this capacitor series?
- ⤷ How do you calculate the required KVAR rating for an induction heating application?
- ⤷ What are the common failure modes for high-current film capacitors?