Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FVS-JB-R/K

  • AI
    The **FVS-JB-R/K** is a specific electronic component typically categorized as a **terminal block** or **junction box interface**, often utilized in industrial automation, weighing systems (load cells), or sensor networking. Below is a breakdown of its electronic characteristics and structural parts. --- ### 1. Technical Specifications The unit serves as a bridge between field devices and central controllers. | Feature | Description | | :--- | :--- | | **Material** | Usually high-grade ABS or Aluminum (for R/K variants) | | **Connection Type** | Screw terminals or Spring-cage clamps | | **Protection Rating** | Typically IP65 to IP67 (Dust and Water-resistant) | | **Circuitry** | Passive bus or parallel summing circuit | | **Adjustability** | Potentiometer integration for signal trimming | --- ### 2. Core Electronic Components #### A. Terminal Blocks (Internal Pins) These are the physical points where wiring from sensors (such as load cells or thermocouples) is connected. In the **R/K model**, these are often color-coded or numbered to prevent wiring errors in differential signaling. #### B. Summing Circuit (PCB) If used in weighing, the internal Printed Circuit Board (PCB) contains a summing circuit. This allows the signals from multiple inputs to be combined into one output signal. * **Trimming Potentiometers:** High-precision resistors used to "balance" the voltage output from different sensors to ensure accuracy across the entire system. #### C. Protection Components * **TVS Diodes:** Transient Voltage Suppressors protect the internal circuitry from power surges and lightning strikes. * **Grounding Lug:** A dedicated metal point to bleed off Electro-Static Discharge (ESD) and reduce electromagnetic interference (EMI). --- ### 3. Wiring Configuration The "R/K" designation often refers to the specific wiring orientation or the type of connector used (e.g., Round vs. Keyed). ```yaml Standard Wiring Pinout: - Red (Excitation +) - Black (Excitation -) - Green (Signal +) - White (Signal -) - Shield (Ground/Drain) ``` --- ### 4. Application Context * **Industrial Weighing:** Connecting 4 to 8 load cells into a single indicator. * **HVAC Systems:** Acting as a junction point for multiple temperature/humidity sensors. * **Process Control:** Routing signals from field transmitters to a PLC (Programmable Logic Controller).
    ✨ Follow-up Questions
    • ⤷ Is the FVS-JB-R/K being used specifically for load cell summing in your application?
    • ⤷ Do you need the specific wiring diagram for the R versus K terminal variations?
    • ⤷ What is the maximum voltage rating required for your electronic setup?