FVS-K4-R
AI

The **FVS-K4-R** is a specialized electronic component typically used in automated industrial sensing, specifically within the category of **Fiber Optic Sensors** or **Amplifiers**. It is designed to interface with fiber optic cables to detect objects in tight spaces or harsh environments.
---
### 1. Core Technical Specifications
The electronic architecture of the FVS-K4-R is centered around high-speed signal processing and reliability.
| Feature | Specification |
| :--- | :--- |
| **Output Type** | NPN or PNP (Model dependent, "R" often denotes Relay or Receiver) |
| **Response Time** | High-speed (Typically < 500μs) |
| **Light Source** | Red LED (Visible) or Infrared |
| **Operating Voltage** | 12V - 24V DC |
| **Connectivity** | M8 Connector or Pre-wired Cable |
---
### 2. Key Electronic Components & Functions
The internal circuitry consists of several critical stages:
* **Emitter Circuit:** Drives the light source (LED) at a specific frequency to distinguish it from ambient light interference.
* **Receiver (Photodiode):** Converts the incoming light signals from the fiber optic cable back into electrical current.
* **Signal Amplifier:** Boosts the weak electrical signal from the photodiode to a level that can be processed.
* **Sensitivity Potentiometer:** A variable resistor (often a multi-turn trimmer) that allows the user to set the threshold for object detection.
* **Logic Controller:** A microprocessor or logic IC that handles the "Light-ON" vs "Dark-ON" switching logic.
---
### 3. Wiring Configuration
For most variants of the FVS series, the standard industrial wiring color code applies:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | VCC | Positive Power Supply (+12/24V) |
| **Blue** | GND | Negative / Common Ground (0V) |
| **Black** | Output | Control Signal (Load) |
| **White/Pink** | Mode | Teach-in or Light/Dark switching |
---
### 4. Application Context
The FVS-K4-R acts as the "brain" for fiber optic heads. While the fiber optics are passive (glass or plastic strings), the FVS-K4-R provides the active electronic pulse. It is commonly used in:
* **Electronic Assembly:** Detecting small pins or components.
* **Packaging:** Counting high-speed items on a conveyor.
* **Semiconductor Tools:** Wafer detection where space is limited.
- ⤷
What is the maximum sensing distance of the FVS-K4-R when used with a diffuse fiber?
- ⤷ How do you switch between Light-ON and Dark-ON modes on this sensor?
- ⤷ Is the FVS-K4-R compatible with plastic or glass fiber optic cables?