AI

The **FYA-R1715ZX** is a high-performance **LED Numeric Display** component, typically used for digital readouts, clocks, and industrial instrumentation. It is manufactured by **FORYARD Optoelectronics**, a specialist in LED display solutions.
### 1. Technical Specifications
The following table summarizes the key electronic characteristics of the FYA-R1715ZX series:
| Parameter | Specification |
| :--- | :--- |
| **Display Type** | Single Digit 7-Segment LED |
| **Character Height** | 1.75 Inches (44.50 mm) |
| **Configuration** | Common Anode or Common Cathode |
| **Forward Current ($I_f$)** | 20mA per segment (typical) |
| **Forward Voltage ($V_f$)** | ~2.0V (Red) to 3.2V (Blue/White) |
| **Luminous Intensity** | High brightness options available |
| **Connection Type** | Through-hole (DIP) |
---
### 2. Physical Layout and Pinout
The "ZX" suffix often refers to specific internal wiring and color codes. Generally, a 7-segment display like this consists of:
* **Segments A-G:** The eight LEDs (including the decimal point) that form the digit.
* **Common Pin:** Depending on the model, all internal LED anodes (positive) or cathodes (negative) are tied to a single pin.
* **Large Format Design:** Because the character is 1.75 inches tall, each segment often contains **two or more LEDs in series** internally to ensure uniform brightness across the larger surface area.
### 3. Key Electronic Features
* **High Contrast:** Designed with a black or grey surface to improve the visibility of the segments when illuminated.
* **Durability:** Solid-state reliability with a long operational life (typically 50,000+ hours).
* **Multiplexing Capability:** Compatible with standard LED drivers and microcontrollers (like Arduino, ESP32, or industrial PLCs) using multiplexing to save I/O pins.
* **Low Power Consumption:** Despite its large size, it operates efficiently at low current levels.
---
### 4. Application Circuit Diagram (Concept)
To drive this part with a microcontroller, you must use current-limiting resistors for each segment to prevent burnout.
```cpp
// Example: Basic segment activation logic
void setup() {
pinMode(SEG_A, OUTPUT);
// ... initialize other pins
}
void loop() {
// To display '1', light segments B and C
digitalWrite(SEG_B, HIGH);
digitalWrite(SEG_C, HIGH);
}
```
---
- ⤷
What is the difference between the Common Anode and Common Cathode versions of this part?
- ⤷ How do I calculate the correct resistor value for a 1.75 inch LED segment?
- ⤷ Does the FYA-R1715ZX come in different colors like Green or Blue?